Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS5541B Datasheet(PDF) 6 Page - Intersema Sensoric SA

Part # MS5541B
Description  MINIATURE 14 bar MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5541B Datasheet(HTML) 6 Page - Intersema Sensoric SA

Back Button MS5541B Datasheet HTML 2Page - Intersema Sensoric SA MS5541B Datasheet HTML 3Page - Intersema Sensoric SA MS5541B Datasheet HTML 4Page - Intersema Sensoric SA MS5541B Datasheet HTML 5Page - Intersema Sensoric SA MS5541B Datasheet HTML 6Page - Intersema Sensoric SA MS5541B Datasheet HTML 7Page - Intersema Sensoric SA MS5541B Datasheet HTML 8Page - Intersema Sensoric SA MS5541B Datasheet HTML 9Page - Intersema Sensoric SA MS5541B Datasheet HTML 10Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DA5541B_005.doc
September 25th, 2006
6
00005541766 ECN865
TYPICAL PERFORMANCE CURVES
ADC-value D1 vs Pressure (typical)
10000
15000
20000
25000
30000
0
2000
4000
6000
8000
10000
12000
Pressure (mbar)
85°C
25°C
-40°C
ADC-value D2 vs Temperature (typical)
15000
20000
25000
30000
35000
40000
-40
-20
0
20
40
60
80
Temperature (°C)


Similar Part No. - MS5541B

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5541-30C INTERSEMA-MS5541-30C Datasheet
280Kb / 19P
   MINIATURE 30 bar MODULE
logo
TE Connectivity Ltd
MS5541-30C TEC-MS5541-30C Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
logo
Intersema Sensoric SA
MS5541-30CM INTERSEMA-MS5541-30CM Datasheet
280Kb / 19P
   MINIATURE 30 bar MODULE
MS5541-CM INTERSEMA-MS5541-CM Datasheet
283Kb / 19P
   MINIATURE 14 bar MODULE
MS5541C INTERSEMA-MS5541C Datasheet
283Kb / 19P
   MINIATURE 14 bar MODULE
More results

Similar Description - MS5541B

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5541C INTERSEMA-MS5541C Datasheet
283Kb / 19P
   MINIATURE 14 bar MODULE
MS5541-30C INTERSEMA-MS5541-30C Datasheet
280Kb / 19P
   MINIATURE 30 bar MODULE
logo
Belden Inc.
8012 BELDEN-8012 Datasheet
152Kb / 2P
   Bus Bar Wire, #14 Sol TC
05-05-2023
logo
Pomona Electronics
3030 POMONA-3030 Datasheet
25Kb / 1P
   Miniature Double Banana Plug Shorting Bar
2035 POMONA-2035 Datasheet
40Kb / 1P
   Miniature Double Banana Shorting Bar Plug
logo
Chicago Miniature Lamp,...
LM-FB26B CML-LM-FB26B Datasheet
194Kb / 1P
   Flexible Bar LED Module - Blue
LM-FB26G CML-LM-FB26G Datasheet
196Kb / 1P
   Flexible Bar LED Module - Green
LM-FB26W CML-LM-FB26W Datasheet
198Kb / 1P
   Flexible Bar LED Module - White
LM-FB26W-12 CML-LM-FB26W-12 Datasheet
199Kb / 1P
   Flexible Bar LED Module - White
logo
STANLEY ELECTRIC CO.,LT...
MU92 STANLEY-MU92 Datasheet
256Kb / 14P
   Single Color / Light Bar Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com