Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS5536 Datasheet(PDF) 8 Page - Intersema Sensoric SA

Part # MS5536
Description  SMD Gage Pressure MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5536 Datasheet(HTML) 8 Page - Intersema Sensoric SA

Back Button MS5536 Datasheet HTML 4Page - Intersema Sensoric SA MS5536 Datasheet HTML 5Page - Intersema Sensoric SA MS5536 Datasheet HTML 6Page - Intersema Sensoric SA MS5536 Datasheet HTML 7Page - Intersema Sensoric SA MS5536 Datasheet HTML 8Page - Intersema Sensoric SA MS5536 Datasheet HTML 9Page - Intersema Sensoric SA MS5536 Datasheet HTML 10Page - Intersema Sensoric SA MS5536 Datasheet HTML 11Page - Intersema Sensoric SA MS5536 Datasheet HTML 12Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DA5536_009.doc
00005536589 ECN925
May 03, 2007
8
C3/II (8-Bit)
C5/II(8-Bit)
Word 1
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C4/II (8-Bit)
C6(8-Bit)
Word 2
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C5/I (4-Bit)
C1/II (12-Bit)
Word 3
DB11
DB10
DB9
DB8
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C1/I
C4/I
C3/I
C2 (13-Bit)
Word 4
DB12
DB8
DB8
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Fig. 4: Arrangement (Bit-pattern) of calibration data in Word1 to Word4.
SECOND-ORDER TEMPERATURE COMPENSATION
In order to obtain full accuracy over the whole temperature range, it is recommended to compensate for the
non-linearity of the output of the temperature sensor. This can be achieved by the second-order temperature
calculation, i.e. by replacing the block ‘Calculate actual temperature’ in flow chart Fig. 3 by the following
sequence:
Calculate actual temperature
Difference between the actual temperature and
reference temperature:
dT = (D2 - UT1) - ((D2-UT1)*(D2-UT1))/2
18
Actual temperature in °C
TEMP = 2000 + dT*(C6+262)/2
9 (weight: 0.01°C)
Calculate actual temperature
Difference between the actual temperature and
reference temperature:
dT = (D2 - UT1) - (9*(D2-UT1)*(D2-UT1))/2
18
Actual temperature in °C
TEMP = 2000 + dT*(C6+262)/2
9 (weight: 0.01°C)
D2≥UT1?
no
yes
Fig. 5: Flow chart for calculating the temperature to the optimum accuracy. The value for
dT thus obtained is
then used for the calculation of the temperature compensated pressure as shown in Fig. 3.


Similar Part No. - MS5536

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5536-60C INTERSEMA-MS5536-60C Datasheet
295Kb / 17P
   SMD Gage Pressure MODULE
MS5536-60CPJU INTERSEMA-MS5536-60CPJU Datasheet
295Kb / 17P
   SMD Gage Pressure MODULE
MS5536-CNJU INTERSEMA-MS5536-CNJU Datasheet
269Kb / 17P
   SMD Gage Pressure MODULE
logo
TE Connectivity Ltd
MS5536-CNJU TEC-MS5536-CNJU Datasheet
382Kb / 19P
   Pressure range -400 to 1000 mbar
logo
Intersema Sensoric SA
MS5536-CPJU INTERSEMA-MS5536-CPJU Datasheet
269Kb / 17P
   SMD Gage Pressure MODULE
More results

Similar Description - MS5536

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5536-60C INTERSEMA-MS5536-60C Datasheet
295Kb / 17P
   SMD Gage Pressure MODULE
MS5536C INTERSEMA-MS5536C Datasheet
269Kb / 17P
   SMD Gage Pressure MODULE
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
   Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Greystone Energy System...
PGS GREYSTONE-PGS Datasheet
136Kb / 1P
   GAGE PRESSURE TRANSMITTER
07/19
PS-HAGP GREYSTONE-PS-HAGP Datasheet
365Kb / 2P
   HIGH ACCURACY GAGE PRESSURE TRANSMITTER
logo
Red Lion Controls. Inc
GMSG REDLION-GMSG Datasheet
473Kb / 2P
   Strain Gage Module
logo
Amphenol Corporation
T10 AMPHENOL-T10 Datasheet
103Kb / 8P
   Measures differential, gage pressure, or vacuum
logo
Honeywell Accelerometer...
26PCCFB2G HONEYWELL-ACC-26PCCFB2G Datasheet
80Kb / 2P
   Pressure Sensors Gage and Differential/Unamplified
logo
Honeywell Solid State E...
185PC15DT HONEYWELL-185PC15DT Datasheet
494Kb / 5P
   Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
logo
National Instruments Co...
NICFP-SG-140 NI-NICFP-SG-140 Datasheet
186Kb / 4P
   Strain Gage Module for Compact FieldPoint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com