Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS5535B Datasheet(PDF) 3 Page - Intersema Sensoric SA

Part # MS5535B
Description  PRESSURE SENSOR MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5535B Datasheet(HTML) 3 Page - Intersema Sensoric SA

  MS5535B Datasheet HTML 1Page - Intersema Sensoric SA MS5535B Datasheet HTML 2Page - Intersema Sensoric SA MS5535B Datasheet HTML 3Page - Intersema Sensoric SA MS5535B Datasheet HTML 4Page - Intersema Sensoric SA MS5535B Datasheet HTML 5Page - Intersema Sensoric SA MS5535B Datasheet HTML 6Page - Intersema Sensoric SA MS5535B Datasheet HTML 7Page - Intersema Sensoric SA MS5535B Datasheet HTML 8Page - Intersema Sensoric SA MS5535B Datasheet HTML 9Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DA5535B_000.doc
February 15th, 2006
3
00005535838 ECN776
RECOMMENDED OPERATING CONDITIONS
(
Ta = 25°C, VDD = 3.0 V unless noted otherwise)
Parameter
Symbol
Conditions
Min.
Typ.
Max
Unit
Operating pressure range
p
0
14
bar abs.
Supply voltage
VDD
2.2
3.0
3.6
V
Supply current,
average (1)
during conversion (2)
standby (no conversion)
Iavg
Isc
Iss
VDD = 3.0 V
4
1
0.1
µA
mA
µA
Current consumption into
MCLK (3)
MCLK = 32.768 kHz
0.5
µA
Operating temperature
range
T
-40
+125
°C
Conversion time
tconv
MCLK = 32.768 kHz
35
ms
External clock signal (4)
MCLK
30.000 32.768 35.000
kHz
Duty cycle of MCLK
40/60
50/50
60/40
%
Serial data clock
SCLK
500
kHz
NOTES
1) Under the assumption of one conversion every second. Conversion means either a pressure or a temperature
measurement started by a command to the serial interface of MS5535B.
2) During conversion the sensor will be switched on and off in order to reduce power consumption; the total on
time within a conversion is about 2 ms.
3) This value can be reduced by switching off MCLK while MS5535B is in standby mode.
4) It is strongly recommended that a crystal oscillator be used because the device is sensitive to clock jitter. A
square-wave form of the clock signal is a must.


Similar Part No. - MS5535B

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5535-30C INTERSEMA-MS5535-30C Datasheet
732Kb / 21P
   PRESSURE SENSOR MODULE
MS5535-30CM INTERSEMA-MS5535-30CM Datasheet
732Kb / 21P
   PRESSURE SENSOR MODULE
MS5535-CM INTERSEMA-MS5535-CM Datasheet
730Kb / 21P
   PRESSURE SENSOR MODULE
logo
TE Connectivity Ltd
MS5535-CM TEC-MS5535-CM Datasheet
522Kb / 22P
   Piezoresistive silicon micromachined sensor
logo
Intersema Sensoric SA
MS5535C INTERSEMA-MS5535C Datasheet
730Kb / 21P
   PRESSURE SENSOR MODULE
More results

Similar Description - MS5535B

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5535-30C INTERSEMA-MS5535-30C Datasheet
732Kb / 21P
   PRESSURE SENSOR MODULE
MS5535C INTERSEMA-MS5535C Datasheet
730Kb / 21P
   PRESSURE SENSOR MODULE
logo
HOKURIKU ELECTRIC INDUS...
HPM-013 HOKURIKU-HPM-013 Datasheet
113Kb / 1P
   Barometric Pressure Sensor Module
logo
Siemens Semiconductor G...
KPY41-MR SIEMENS-KPY41-MR Datasheet
129Kb / 3P
   Silicon Pressure Sensor Module
logo
Fujikura Ltd.
PSM-005KPG FUJIKURA-PSM-005KPG Datasheet
308Kb / 2P
   Pressure sensor module/Gauge,Differential
PSMC-025KPG FUJIKURA-PSMC-025KPG Datasheet
318Kb / 2P
   Pressure sensor module/Gauge,Differential
logo
All Sensors Corporation
DS-0341 ASC-DS-0341 Datasheet
1Mb / 3P
   Piezoresistive Silicon Pressure Sensor Module
logo
Dorji Industrial Group ...
DSPC01 DORJI-DSPC01 Datasheet
227Kb / 8P
   Digital Compass Pressure Sensor Module
logo
Festo Corporation.
8001208 FESTO-8001208 Datasheet
100Kb / 2P
   Pressure sensor
8001224 FESTO-8001224 Datasheet
101Kb / 2P
   Pressure sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com