Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR35D Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # AR35D
Description  HIGH CURRENT AUTOMOBILE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

AR35D Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  AR35D Datasheet HTML 1Page - HY ELECTRONIC CORP. AR35D Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Utilizing viod-free molded plastic technique
Low power loss
High Surge Capability
High temperature soldering guaranteed:
265℃/10S
MECHANICAL DATA
Terminals:Plated axial terminals solderable per
MIL STD-202E,Method 208C
Case: Molded with UL-94 Class V-O recognized
flame retardant epoxy
Polarity: Color ring denotes cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
AR35A
AR35B
AR35D
AR35G
AR35J
AR35K
AR35M
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=55 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Instantaneous Forward Voltage
(at Rated Forward Current)
Maximum DC Reverse Current @TA=25℃
at Rated DC Bolcking Voltage @TA=150℃
Typical Junction Capacitance Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Polarity and voltage denotation color ring
Red
Yellow
Silver
Orange
Green
Blue
Violet
300
1.0
2.Thermal resistance from junction of ambient.
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
-55 to +150
1.1
VF
IR
10
1000
AR35A thru AR35M
Dimensions in inches and (millimeters)
HIGH CURRENT
AUTOMOBILE RECTIFIER
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 35 Amperes
I(AV)
35
A
V
uA
IFSM
500
A
-55 to +150
AR
.250(6.4)
.235(6.0)
.185(4.7)
.1645(4.2)
.410(10.4)
.380(9.7)
.225(5.7)
.215(5.5)


Similar Part No. - AR35D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR35D WTE-AR35D Datasheet
52Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
logo
Taiwan Semiconductor Co...
AR35D TSC-AR35D Datasheet
73Kb / 2P
   35.0 AMPS. High Current Plastic Silicon Rectifiers
logo
Won-Top Electronics
AR35D WTE-AR35D Datasheet
68Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
logo
Taiwan Semiconductor Co...
AR35D TSC-AR35D Datasheet
289Kb / 2P
   35.0 AMPS. High Current Button Rectifiers
AR35D TSC-AR35D Datasheet
562Kb / 2P
   35.0 AMPS. High Current Button Rectifiers
More results

Similar Description - AR35D

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DF70P HY-DF70P Datasheet
372Kb / 3P
   High Current Automobile Rectifier
AR25A HY-AR25A_V01 Datasheet
377Kb / 3P
   High Current Automobile Rectifier
AR50A HY-AR50A_V01 Datasheet
377Kb / 3P
   High Current Automobile Rectifier
AR35A HY-AR35A_17 Datasheet
140Kb / 3P
   HIGH CURRENT AUTOMOBILE RECTIFIER
ARS25A HY-ARS25A_17 Datasheet
140Kb / 3P
   HIGH CURRENT AUTOMOBILE RECTIFIER
ARS50A HY-ARS50A_17 Datasheet
140Kb / 3P
   HIGH CURRENT AUTOMOBILE RECTIFIER
DB35P HY-DB35P Datasheet
366Kb / 3P
   High Current Automobile Rectifier
DV354P HY-DV354P Datasheet
363Kb / 3P
   High Current Automobile Rectifier
AR25A HY-AR25A_17 Datasheet
140Kb / 3P
   HIGH CURRENT AUTOMOBILE RECTIFIER
AR50A HY-AR50A_17 Datasheet
140Kb / 3P
   HIGH CURRENT AUTOMOBILE RECTIFIER
ARS25A-ARS25M HY-ARS25A-ARS25M Datasheet
34Kb / 2P
   HIGH CURRENT AUTOMOBILE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com