Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC04TAR22M Datasheet(PDF) 7 Page - ABCO ELECTRONICS CO.LTD

Part # AC04TAR22M
Description  LEADED INDUCTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

AC04TAR22M Datasheet(HTML) 7 Page - ABCO ELECTRONICS CO.LTD

Back Button AC04TAR22M Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD AC04TAR22M Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD AC04TAR22M Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD AC04TAR22M Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD AC04TAR22M Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD AC04TAR22M Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD AC04TAR22M Datasheet HTML 9Page - ABCO ELECTRONICS CO.LTD AC04TAR22M Datasheet HTML 10Page - ABCO ELECTRONICS CO.LTD AC04TAR22M Datasheet HTML 11Page - ABCO ELECTRONICS CO.LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
50
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
ITEM PART NUMBERS
Measuring
Self-Resonant
DC
Rate
Ordering Code
Inductance
Inductanced
Q
Frequency
Frequency
Resistance
Current
[
µH]
Tolerance
(min.)
[MHz]
[MHz]
[
Ω ][mA]
(min.)
(max.)
(max.)
●AL03
AL03T
R22K
0.22
450
0.40
400
AL03T
R27K
0.27
410
0.43
380
AL03T
R33K
0.33
360
0.48
370
AL03T
R39K
0.39
300
0.51
350
AL03T
R47K
0.47
230
0.56
330
AL03T
R56K
0.56
210
0.61
320
AL03T
R68K
0.68
190
0.67
310
AL03T
R82K
0.82
170
0.74
290
AL03T
1R0K
1.0
150
0.80
270
AL03T
1R2K
1.2
144
0.90
260
AL03T
1R5K
1.5
131
1.0
250
AL03T
1R8K
1.8
121
1.1
240
AL03T
2R2K
2.2
110
1.2
230
AL03T
2R7K
2.7
100
1.3
220
AL03T
3R3K
3.3
94
1.4
210
AL03T
3R9K
3.9
65
1.6
200
AL03T
4R7K
4.7
56
1.7
190
AL03T
5R6K
5.6
48
1.9
180
AL03T
6R8K
6.8
37
2.0
175
AL03T
8R2K
8.2
25
2.2
165
AL03T
100K
10
21
2.3
160
AL03T
120K
12
19
2.5
150
AL03T
150K
15
17
2.8
145
AL03T
180K
18
13
3.1
140
AL03T
220K
22
9.6
3.4
130
AL03T
270K
27
7.2
3.8
125
AL03T
330K
33
6.3
4.1
120
AL03T
390K
39
6.3
4.5
115
AL03T
470K
47
6.3
4.9
110
AL03T
560K
56
6.2
5.3
105
AL03T
680K
68
5.7
5.8
100
AL03T
820K
82
5.3
6.3
95
AL03T
101K
100
4.8
7.0
90
AL03T
121K
120
3.8
13
90
AL03T
151K
150
3.5
15
85
AL03T
181K
180
3.3
16
80
AL03T
221K
220
3.0
17
75
AL03T
271K
270
2.8
19
65
AL03T
331K
330
2.6
20
60
AL03T
391K
390
2.4
22
55
AL03T
471K
470
2.25
24
55
AL03T
561K
560
2.10
26
50
AL03T
681K
680
1.95
28
45
AL03T
821K
820
1.85
30
40
AL03T
102K
1000
1.40
33
40
35
40
50
25.2
7.96
2.52
0.796
± 10%
(
± 5%)
*please specify the taping configuration code.
*
: A, B, R


Similar Part No. - AC04TAR22M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC04 PHILIPS-AC04 Datasheet
398Kb / 24P
   Cemented wirewound resistors
2000 Oct 20
logo
List of Unclassifed Man...
AC04 ETC1-AC04 Datasheet
398Kb / 24P
   Cemented wirewound resitors
logo
Vishay Siliconix
AC04 VISHAY-AC04 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC04-AT VISHAY-AC04-AT Datasheet
251Kb / 12P
   Cemented Leaded Wirewound Resistors
01-Jan-2022
AC04000000JAC00 VISHAY-AC04000000JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
More results

Similar Description - AC04TAR22M

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR370-3-391 DATATRONICS-DR370-3-391 Datasheet
108Kb / 1P
   Radial Leaded Inductors
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
LHL08TB180K TAIYO-YUDEN-LHL08TB180K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB182J TAIYO-YUDEN-LHL08TB182J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB100M TAIYO-YUDEN-LHLP10TB100M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB101K TAIYO-YUDEN-LHLP10TB101K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com