Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2596 Datasheet(PDF) 7 Page - Estek Electronics Co. Ltd

Part # LM2596
Description  Simple high-efficiency step-down (buck) regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM2596 Datasheet(HTML) 7 Page - Estek Electronics Co. Ltd

Back Button LM2596 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 4Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 5Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 6Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 7Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 8Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 9Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 10Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 11Page - Estek Electronics Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TEST CIRCUIT AND LAYOUT GUIDELINES
Figure 1. Standard Test Circuits and Layout Guides
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring inductance can generate
voltage transients which can cause problems. For minimal inductance and ground loops, the wires indicated by heavy lines should
be wide printed circuit traces and
should be kept as short as possible. For best results, external components should be located as close to the switcher lC as possible
using ground plane construction or single point grounding.
If open core inductors are used, special care must be taken as to the location and positioning of this type of inductor. Allowing
the inductor flux to intersect sensitive feedback, lC groundpath and COUT wiring can cause problems.
When using the adjustable version, special care must be taken as to the location of the feedback resistors and the associated wiring.
Physically locate both resistors near the IC, and route the wiring away from the inductor, especially an open core type of inductor.
+
L1
C
OUT
+
C
IN
2
3
4
5
+V
IN
+
L1
+
Fixed Output Voltage Versions
C
- 470 F,50V,Aluminum Electrolytic Nichicon “PL Series”
IN
µ
C
- 220 F,25V,Aluminum Electrolytic Nichicon “ PL Series”
D1 - 5A,40V Schottky Rectifer,1N5825
L1 - 68 H,L38
OUT
µ
µ
+
L1
C
OUT
+
C
IN
2
3
4
5
+V
IN
+
R1
R2
C
FF
Adjustable Output Voltage Versions
Select R1 to be approximately 1
C
- 470 F,50V,Aluminum Electrolytic Nichicon “PL Series”
IN
µ
k,use a1% resistor for best stability.
C
- 220 F,35V,Aluminum Electrolytic Nichicon “ PL Series”
D1 - 5A,40V Schottky Rectifer,1N5825
L1 - 68 H,L38
R1 - 1k ,1%
C
- see Application Information Section
µ
µ
OUT
FF
V=V (1+
)
OUT
REF
R = R (
-1)
21
where V = 1.23V
REF
V
V
OUT
REF
R
R
2
1
7
BEIJING ESTEK ELECTRONICS CO.,LTD
LM2596
3AStep-Down VoltageRegulator


Similar Part No. - LM2596

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results

Similar Description - LM2596

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM2576 ESTEK-LM2576 Datasheet
200Kb / 8P
   Simple high-efficiency step-down (buck) regulator
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com