Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2596 Datasheet(PDF) 10 Page - Estek Electronics Co. Ltd

Part # LM2596
Description  Simple high-efficiency step-down (buck) regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM2596 Datasheet(HTML) 10 Page - Estek Electronics Co. Ltd

Back Button LM2596 Datasheet HTML 4Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 5Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 6Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 7Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 8Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 9Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 10Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 11Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 12Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
1)
V
V
(
R
R
REF
OUT
1
2
=
2. Inductor Selection (L1)
2. Inductor Selection (L1)
A. Calculate the inductor Volt • microsecond constant E
•T (V•µs), from
the following formula:
s)
(V
kHz
150
1000
V
V
V
V
V
)
V
V
(V
T
E
D
SAT
IN
D
OUT
SAT
OUT
IN
µ
+
+
=
where VSAT = internal switch saturation voltage = 1.16V
and VD = diode forward voltage drop = 0.5V
A. Calculate the inductor Volt
• microsecond constant
(E
•T),
s)
(V
150
1000
5
.
0
16
.
1
28
5
.
0
20
)
16
.
1
20
28
(
T
E
µ
+
+
=
s)
(V
.
s)
(V
.
.
.
)
.
(
T
E
µ
µ
=
=
2
34
67
6
34
27
5
20
84
6
B. Use the E
•T value from the previous formula and match it with the
E
•T number on the vertical axis of the Inductor Value Selection Guide
shown in Figure 7.
B.
E
•T=34.2 (V•µs)
C. on the horizontal axis, select the maximum load current.
C. ILOAD (max) = 3A
D. Identify the inductance region intersected by the E
•T value and the
Maximum Load Current value. Each region is identified by an
inductance value and an inductor code (LXX).
D. From the inductor value selection guide shown in Figure 7, the
inductance region intersected by the 34 (V
•µs) horizontal line and
the 3A vertical line is 47 µH, and the inductor code is L39.
E. Select an appropriate inductor from the four manufacturer’s part
numbers listed in Figure 8.
E. From the table in Figure 8, locate line L39, and select an
inductor part number from the list of manufacturers part numbers.
3. Output Capacitor Selection (COUT)
3. Output Capacitor SeIection (COUT)
A. In the majority of applications, low ESR electrolytic or solid tantalum
capacitors between 82 µF and 820 µF provide the best results. This capacitor
should be located close to the IC using short capacitor leads and short copper
traces. Do not use capacitors larger than 820 µF.
B. To simplify the capacitor selection procedure, refer to the quick
design table shown in Figure 3. This table contains different output
voltages, and lists various output capacitors that will provide the best
design solutions.
B. From the quick design table shown in Figure 3, locate the output
voltage column. From that column, locate the output voltage closest to the
output voltage in your application. In this example, select the 24V line.
Under the output capacitor section, select a capacitor from the list of
through hole electrolytic or surface mount tantalum types from four
different capacitor manufacturers. It is recommended that both the
manufacturers and the manufacturers series that are listed in the table be
used.
In this example, through hole aluminum electrolytic capacitors from
several different manufacturers are available.
220 µF/35V Panasonic HFQ Series
150 µF/35V Nichicon PL Series
C. The capacitor voltage rating should be at least 1.5 times greater than
the output voltage, and often much higher voltage ratings are needed to
satisfy the low ESR requirements needed for low output ripple voltage.
C. For a 20V output, a capacitor rating of at least 30V or more is
needed. In this example, either a 35V or 50V capacitor would
work. A 35V rating was chosen, although a 50V rating could also
be used if a lower output ripple voltage is needed.
Other manufacturers or other types of capacitors may also be used,
provided the capacitor specifications (especially the 100 kHz
ESR) closely match the types listed in the table. Refer to the
capacitor manufacturers data sheet for this information.
4. Feedforward Capacitor (CFF ) (See Figure 1)
4. Feedforward Capacitor (CFF )
For output voltages greater than approximately 10V, an additional
capacitor is required. The compensation capacitor is typically between
100 pF and 33 nF, and is wired in parallel with the output voltage
setting resistor, R2. It provides additional stability for high output
voltages, low input-output voltages, and/or very low ESR output
capacitors, such as solid tantalum capacitors.
2
FF
R
10
31
1
C
×
×
=
This capacitor type can be ceramic, plastic, silver mica, etc. (Because of
the unstable characteristics of ceramic capacitors made with Z5U
material, they are not recommended.)
The table shown in Figure 3 contains feed forward capacitor
values for various output voltages. In this example, a 560 pF
capacitor is needed.
3
10
BEIJING ESTEK ELECTRONICS CO.,LTD
LM2596
3AStep-Down VoltageRegulator


Similar Part No. - LM2596

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results

Similar Description - LM2596

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM2576 ESTEK-LM2576 Datasheet
200Kb / 8P
   Simple high-efficiency step-down (buck) regulator
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com