Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS7912D Datasheet(PDF) 1 Page - Intersema Sensoric SA

Part # MS7912D
Description  PRESSURE SENSOR DIE (0-12 BAR)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS7912D Datasheet(HTML) 1 Page - Intersema Sensoric SA

  MS7912D Datasheet HTML 1Page - Intersema Sensoric SA MS7912D Datasheet HTML 2Page - Intersema Sensoric SA MS7912D Datasheet HTML 3Page - Intersema Sensoric SA MS7912D Datasheet HTML 4Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DA7912_003.doc
May 05th, 2005
1/4
00007912636
ECN 743
MS7912
PRESSURE SENSOR DIE (0-12 BAR)
• 0 to 1200 kPa range (12 bar or 174 PSI)
• Absolute/differential pressure sensors
• High linearity, small size
• RoHS-compatible & Pb-free1
DESCRIPTION
The sensor element of the MS7912 consists of a small silicon micro-machined membrane with a Pyrex glass
mounted under vacuum. Implanted resistors make use of the piezo-resistive effect. The absolute pressure
sensor (MS7912A) carries a sealed vacuum reference cavity underneath the membrane whereas the differential
sensor (MS7912D) has a hole in the Pyrex glass at the backside of the sensor.
FEATURES
Uncompensated pressure sensor die
Linearity 0.05% (typical)
Output Span 150mV @ 5V
Small Die Size 1.72 x 1.58mm
Temperature Range -40°…+125°C
Low Cost, High reliability
APPLICATION
For absolute or differential pressure sensor systems
Engine controls
Dive computers
ELECTRICAL CONNECTIONS
Positive output for pressure applied topside
1 The European RoHS directive 2002/95/EC (Restriction of the use of certain Hazardous Substances in electrical and electronic equipment)
bans the use of lead, mercury, cadmium, hexavalent chromium and polybrominated biphenyls (PBB) or polybrominated diphenyl ethers
(PBDE).
Vs+ : Supply voltage of Wheatstone bridge
Epi : Connection of epitaxial layer (membrane)
Out- : Negative output
Out+ : Positive output
GND1 : Ground
GND2 : Ground
Vs+
GND2
GND1
Out+
EPI
Out-


Similar Part No. - MS7912D

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS79005 INTERSEMA-MS79005 Datasheet
236Kb / 5P
   PRESSURE SENSOR DIE (0-0.5 BAR)
MS79005-A_0.2 INTERSEMA-MS79005-A_0.2 Datasheet
236Kb / 5P
   PRESSURE SENSOR DIE (0-0.5 BAR)
MS79005-A_0.5 INTERSEMA-MS79005-A_0.5 Datasheet
236Kb / 5P
   PRESSURE SENSOR DIE (0-0.5 BAR)
MS79005-D INTERSEMA-MS79005-D Datasheet
236Kb / 5P
   PRESSURE SENSOR DIE (0-0.5 BAR)
MS79005-S INTERSEMA-MS79005-S Datasheet
236Kb / 5P
   PRESSURE SENSOR DIE (0-0.5 BAR)
More results

Similar Description - MS7912D

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS7812 INTERSEMA-MS7812 Datasheet
411Kb / 4P
   PRESSURE SENSOR DIE (0-12 BAR)
MS7801 INTERSEMA-MS7801 Datasheet
465Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR)
MS7930 INTERSEMA-MS7930 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-30 BAR)
MS7901 INTERSEMA-MS7901 Datasheet
257Kb / 5P
   PRESSURE SENSOR DIE (0-1 BAR)
MS7970 INTERSEMA-MS7970 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-70 BAR)
MS767 INTERSEMA-MS767_08 Datasheet
223Kb / 4P
   PRESSURE SENSOR DIE (0-7 BAR)
MS7902 INTERSEMA-MS7902 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-2 BAR)
MS7904 INTERSEMA-MS7904 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-4 BAR)
MS767 INTERSEMA-MS767 Datasheet
214Kb / 4P
   PRESSURE SENSOR DIE (0-7 BAR)
MS761 INTERSEMA-MS761 Datasheet
244Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com