Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF1506 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # DF1506
Description  SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

DF1506 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  DF1506 Datasheet HTML 1Page - HY ELECTRONIC CORP. DF1506 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop,high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
Lead tin Pb/Sn copper
The plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
Polarit:As marked on Body
Weight:0.02 ounces,0.38 gras
●Mounting position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DF
DF
DF
DF
DF
DF
DF
15005
1501
1502
1504
1506
1508
1510
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=40℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC .Method)
Maximum Forward Voltage at 1.5A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction capacitance Per Element(Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC
SYMBOL
IR
10
uA
50
A
IFSM
DF15005 thru DF1510
-55 to +150
10.4
-55 to +150
Dimensions in inches and (millimeters)
1.5
A
UNIT
with 0.5*0.5"(13*13mm) copper pads.
25
2.Thermal resistance from junction to ambient mounted on P.C.B
CHARACTERISTICS
~ 225 ~
SURFACE MOUNT
GLASS PASSIVATED
BRIDEG RECTIFIERS
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 1.5 Amperes
40
1.1
500
I(AV)
DF
.335(8.5)
.307(7.8)
.244(6.2)
.256(6.5)
.031(0.8)
.023(0.6)
.311(7.9)
.350(8.9)
.323(8.2)
.315(8.0)
.089(2.2)
.102(2.6)
.079(2.0)
.059(1.5)
.197(5.0)
.205(5.2)
.022(0.55)
.018(0.45)
.193(4.9)
.165(4.2)


Similar Part No. - DF1506

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
DF1506 FCI-DF1506 Datasheet
110Kb / 2P
   1.5 Amp Glass Passivated Single Phase Silicon Bridge
logo
PACELEADER INDUSTRIAL
DF1506 PACELEADER-DF1506 Datasheet
179Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zowie Technology Corpor...
DF1506 ZOWIE-DF1506 Datasheet
58Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Formosa MS
DF1506 FORMOSA-DF1506 Datasheet
144Kb / 6P
   Bridge Rectifier
logo
First Silicon Co., Ltd
DF1506 FS-DF1506 Datasheet
191Kb / 2P
   Bridge Rectifier
More results

Similar Description - DF1506

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB201 HY-DB201 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF2005 HY-DF2005 Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF2005S HY-DF2005S Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF15005S HY-DF15005S Datasheet
42Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB151S HY-DB151S Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB151 HY-DB151 Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB201S HY-DB201S Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
logo
Gaomi Xinghe Electronic...
DB107 GXELECTRONICS-DB107 Datasheet
312Kb / 2P
   GLASS PASSIVATED BRIDEG RECTIFIERS
logo
HY ELECTRONIC CORP.
DB101S HY-DB101S Datasheet
40Kb / 2P
   GLASS PASSIVATED BRIDEG RECTIFIERS
DB101 HY-DB101 Datasheet
39Kb / 2P
   GLASS PASSIVATED BRIDEG RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com