Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS7801-A Datasheet(PDF) 4 Page - Intersema Sensoric SA

Part # MS7801-A
Description  PRESSURE SENSOR DIE (0-1 BAR)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS7801-A Datasheet(HTML) 4 Page - Intersema Sensoric SA

  MS7801-A Datasheet HTML 1Page - Intersema Sensoric SA MS7801-A Datasheet HTML 2Page - Intersema Sensoric SA MS7801-A Datasheet HTML 3Page - Intersema Sensoric SA MS7801-A Datasheet HTML 4Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DA7801_005.doc
May 05th, 2005
4/4
00007801345
ECN 743
PICKING TOOLS
The MS7801 sensors have a sensitive membrane (0.9 x 0.9 mm) the sensor dice outer diameter is:
1.98 x 1.84 mm. The pick and place tool has to be of a soft material as rubber (Hardness 78-97 Shore A). Its
external size must fit the sensor and the vacuum cavity must be as large as the membrane itself. Successful test
where done with some tools of SPT , see SPT drawing and references bellow).
SPT references
RTR-A1-060x060
CTR-A1-080
External dimension
TL & TW: 0.06 inch /1.52 mm
∅F: 0.08 inch / 2.03 mm
Internal dimensions
∅H: 0.035 inch / 0.89 mm
∅H: 0.035 inch / 0.89 mm
ORDERING INFORMATION
Product Code
Type
Product
Art.-Nr.
MS7801-A
Absolute
1 bar Pressure Sensors sawn on b/f
780125021
MS7801-A_0.2
Absolute
1 bar Pressure Sensors 0.2 mm Pyrex sawn on b/f
780125022
MS7801-D
Differential
1 bar Pressure Sensors sawn on b/f
780125121
The MS7801 dice are supplied sawn on blue foil, mounted on plastic rings
FACTORY CONTACTS
Intersema Sensoric SA
Ch. Chapons-des-Prés 11
CH-2022 BEVAIX
SWITZERLAND
Tel. 032 847 9550
Tel. Int. +41 32 847 9550
Telefax +41 32 847 9569
e-mail:
http://www.intersema.ch
NOTICE
Intersema reserves the right to make changes to the products contained in this data sheet in order to improve the design or performance
and to supply the best possible products. Intersema assumes no responsibility for the use of any circuits shown in this data sheet, conveys
no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that the circuits are free from
patent infringement. Applications for any devices shown in this data sheet are for illustration only and Intersema makes no claim or
warranty that such applications will be suitable for the use specified without further testing or modification.


Similar Part No. - MS7801-A

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS7812 INTERSEMA-MS7812 Datasheet
411Kb / 4P
   PRESSURE SENSOR DIE (0-12 BAR)
MS7812-A INTERSEMA-MS7812-A Datasheet
411Kb / 4P
   PRESSURE SENSOR DIE (0-12 BAR)
MS7812-D INTERSEMA-MS7812-D Datasheet
411Kb / 4P
   PRESSURE SENSOR DIE (0-12 BAR)
More results

Similar Description - MS7801-A

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS7901 INTERSEMA-MS7901 Datasheet
257Kb / 5P
   PRESSURE SENSOR DIE (0-1 BAR)
MS761 INTERSEMA-MS761 Datasheet
244Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR)
MS7930 INTERSEMA-MS7930 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-30 BAR)
MS7812 INTERSEMA-MS7812 Datasheet
411Kb / 4P
   PRESSURE SENSOR DIE (0-12 BAR)
MS7970 INTERSEMA-MS7970 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-70 BAR)
MS767 INTERSEMA-MS767_08 Datasheet
223Kb / 4P
   PRESSURE SENSOR DIE (0-7 BAR)
MS7902 INTERSEMA-MS7902 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-2 BAR)
MS7904 INTERSEMA-MS7904 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-4 BAR)
MS767 INTERSEMA-MS767 Datasheet
214Kb / 4P
   PRESSURE SENSOR DIE (0-7 BAR)
MS7912 INTERSEMA-MS7912 Datasheet
257Kb / 4P
   PRESSURE SENSOR DIE (0-12 BAR)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com