Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC05TBR22M Datasheet(PDF) 2 Page - ABCO ELECTRONICS CO.LTD

Part # AC05TBR22M
Description  LEADED INDUCTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

AC05TBR22M Datasheet(HTML) 2 Page - ABCO ELECTRONICS CO.LTD

  AC05TBR22M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD AC05TBR22M Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD AC05TBR22M Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD AC05TBR22M Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD AC05TBR22M Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD AC05TBR22M Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD AC05TBR22M Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD AC05TBR22M Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD AC05TBR22M Datasheet HTML 9Page - ABCO ELECTRONICS CO.LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
45
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Type
Dimensions
Taped
L
øD
ød
Straight
Type
Dimensions
øDL
a
b
│L1-L2│
ød
Type
Dimensions
øDL
a
b
│L1-L2│
ød
61
5 0.5
b
a
¿d
¿D
+0
3.2min
0.8max
L
L1
L2
61
5 0.5
b
¿d
¿D
+0
3.2min
0.8max
L
L1
L2
a
52
52
52
52
26
26
APPERANCE DIMENSIONS
SHAPE DIMENSIONS
AL02
2.5max. 3.4max.
52
1.2max. 1.0max. 0.50
± 0.05
5.0
ALC02
ALN02 2.5max. 3.7max.
52
1.2max. 1.0max. 0.50
± 0.05
7.5
AL03
3.0max. 7.0max.
52
1.2max. 1.0max. 0.50
± 0.05
10.0
AL04
4.2max. 9.8max.
52
1.2max. 1.0max. 0.65
± 0.05
12.5
AL05
4.5max. 14.0max. 52
1.2max. 1.0max. 0.50
± 0.05
20.0
AL02, ALC02
3.4max.
2.5max.
0.5
± 0.05
ALN02
3.7max.
2.5max.
AL02, ALC02
3.4max.
2.5max.
0.45
± 0.05
ALN02
3.7max.
2.5max.
AL03
7.0max.
3.0max.
0.5
± 0.05
AL04
9.8max.
4.2max.
0.65
± 0.05
AL05
14.0max.
4.5max.
0.65
± 0.05
TB
TA
TA
TB
TB
TB
TA(26mm)
TB(52mm)
Unit: mm
Unit: mm
Unit: mm
Pitch
Minimum
insertion
pitch
+2
- 1
+2
- 1
+2
- 1
+2
- 1
+2
AL02
2.5max. 3.4max.
26
+0.5
0.8max. 0.5max. 0.45
± 0.05
5.0
ALC02
ALN02 2.5max. 3.7max. 26
+0.5
0.8max. 0.5max. 0.45
± 0.05
5.0
AL03
3.0max. 7.0max.
26
+1
0.8max. 1.0max. 0.50
± 0.05
10.0
Pitch
Minimum
insertion
pitch
-0
-0
-0.5
L
¿d
¿D


Similar Part No. - AC05TBR22M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC05 PHILIPS-AC05 Datasheet
398Kb / 24P
   Cemented wirewound resistors
2000 Oct 20
logo
List of Unclassifed Man...
AC05 ETC1-AC05 Datasheet
398Kb / 24P
   Cemented wirewound resitors
logo
celduc-relais
AC05 CELDUC-AC05 Datasheet
375Kb / 6P
   REED SWITCH NORMALY OPEN, DRY CONTACT
logo
Intronics Power, Inc.
AC05 INTRONICS-AC05 Datasheet
205Kb / 1P
   5 WATT OPEN FRAME AC-DC MODULES
logo
Vishay Siliconix
AC05 VISHAY-AC05 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
More results

Similar Description - AC05TBR22M

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR370-3-391 DATATRONICS-DR370-3-391 Datasheet
108Kb / 1P
   Radial Leaded Inductors
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
LHL08TB180K TAIYO-YUDEN-LHL08TB180K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB182J TAIYO-YUDEN-LHL08TB182J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB100M TAIYO-YUDEN-LHLP10TB100M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB101K TAIYO-YUDEN-LHLP10TB101K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com