Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC02TB1R5M Datasheet(PDF) 5 Page - ABCO ELECTRONICS CO.LTD

Part # AC02TB1R5M
Description  LEADED INDUCTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

AC02TB1R5M Datasheet(HTML) 5 Page - ABCO ELECTRONICS CO.LTD

  AC02TB1R5M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD AC02TB1R5M Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD AC02TB1R5M Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD AC02TB1R5M Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD AC02TB1R5M Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD AC02TB1R5M Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD AC02TB1R5M Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD AC02TB1R5M Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD AC02TB1R5M Datasheet HTML 9Page - ABCO ELECTRONICS CO.LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
48
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Measuring
Self-Resonant
DC
Rate
Ordering Code
Inductance
Inductanced
Q
Frequency
Frequency
Resistance
Current
[
µH]
Tolerance
(min.)
[MHz]
[MHz]
[
Ω ][mA]
(min.)
(max.)
(max.)
ITEM PART NUMBERS
ALC02T
R22K
0.22
450
0.2
730
ALC02T
R27K
0.27
400
0.21
700
ALC02T
R33K
0.33
350
0.23
670
ALC02T
R39K
0.39
320
0.25
640
ALC02T
R47K
0.47
300
0.27
620
ALC02T
R56K
0.56
280
0.3
590
ALC02T
R68K
0.68
240
0.33
570
ALC02T
R82K
0.82
210
0.35
540
ALC02T
1R0K
1
190
0.4
510
ALC02T
1R2J
1.2
110
0.43
490
ALC02T
1R5J
1.5
80
0.48
460
ALC02T
1R8J
1.8
70
0.53
440
ALC02T
2R2J
2.2
60
0.6
420
ALC02T
2R7J
2.7
55
0.68
390
ALC02T
3R3J
3.3
50
0.75
370
ALC02T
3R9J
3.9
45
0.83
350
ALC02T
4R7J
4.7
40
0.91
340
ALC02T
5R6J
5.6
35
1
320
ALC02T
6R8J
6.8
30
1.1
300
ALC02T
8R2J
8.2
26
1.3
290
ALC02T
100J
10
24
1.4
270
ALC02T
120J
12
22
1.4
270
ALC02T
150J
15
20
1.6
260
ALC02T
180J
18
18
1.7
250
ALC02T
220J
22
17
1.9
230
ALC02T
270J
27
16
2.5
200
ALC02T
330J
33
14
3.4
180
ALC02T
390J
39
13
3.6
170
ALC02T
470J
47
12
4.6
150
ALC02T
560J
56
11
5.1
140
ALC02T
680J
68
10
5.6
130
ALC02T
820J
82
9.5
7.9
115
ALC02T
101J
100
9
9.1
105
50
40
40
40
35
10%
5%
25.2
7.96
2.52
*please specify the taping configuration code.
*
: A, B, R
●ALC02


Similar Part No. - AC02TB1R5M

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0201DK-07100R YAGEO-AC0201DK-07100R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0201DK-0710M YAGEO-AC0201DK-0710M Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0201DK-0710R YAGEO-AC0201DK-0710R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0201DK-0710RL YAGEO-AC0201DK-0710RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0201DK-071K YAGEO-AC0201DK-071K Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC02TB1R5M

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR370-3-391 DATATRONICS-DR370-3-391 Datasheet
108Kb / 1P
   Radial Leaded Inductors
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
LHL08TB180K TAIYO-YUDEN-LHL08TB180K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB182J TAIYO-YUDEN-LHL08TB182J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB100M TAIYO-YUDEN-LHLP10TB100M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB101K TAIYO-YUDEN-LHLP10TB101K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com