Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC05TB1R5M Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # AC05TB1R5M
Description  LEADED INDUCTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

AC05TB1R5M Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  AC05TB1R5M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD AC05TB1R5M Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD AC05TB1R5M Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD AC05TB1R5M Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD AC05TB1R5M Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD AC05TB1R5M Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD AC05TB1R5M Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD AC05TB1R5M Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD AC05TB1R5M Datasheet HTML 9Page - ABCO ELECTRONICS CO.LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
44
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Part name
Taping Configurations
Inductance[
µH]
Color
1st Digit 2nd Digit
Multiplier
Tolerance
Body Size (D
×
×L)[㎜
㎜]
Nominal Inductance[
µH]
Inductance Tolerance[%]
Characteristics
FEATURES
• ABCO Axial inductor is wire wound on the fewite core.
• Extremely reliable inductors that are ideal for signal
and power line applications
• Highly efficient automated production processes can provide
high quality inductors in large volumes.
APPLICATION
• Consumer electronics (such as VCRs, TVs, audio, equipment, general
electronic appliances.)
LEADED INDUCTORS
-25 ~ +85
˚C (Including self-generated heat)
OPERATING TEMP
L 03
3
R22
5
2
T
4
A
1
K
6
ORDERING CODE
A
Axial Inductor
TA
Axial lead(26mm lead space)
/ammo pack(02/03type)
TB
Axial lead(52mm lead space)
/ammo pack(all type)
TR
Axial lead Reel pack
(all type)
02
2.5
×3.4(AL, ALC)
2.5
×3.7(ALN)
03
3.0
×7.0
04
4.2
×9.8
05
4.5
×14.0
R22
0.22
1R5
1.5
120
12
J
± 5
K
± 10
M
± 20
Black
0
×1
± 20%
Brown
1
×10
-
Red
2
×100
-
Orange
3
×1000
-
Yellow
4
-
-
Green
5
-
-
Blue
6
-
-
Purple
7
-
-
Grey
8
-
-
White
9
-
-
Gold
-
×0.1
± 5%
Silver
-
×0.01
± 10%
1
2
3
4
1
L
Standard Type
N, C
High Current Type
2
3
5
4
6
MARKING
• AL02, ALN02, ALC02
• AL03, AL04, AL05
1
2
3
4
* 02Type J Tolerance
→3⃞ Digit with coding


Similar Part No. - AC05TB1R5M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC05 PHILIPS-AC05 Datasheet
398Kb / 24P
   Cemented wirewound resistors
2000 Oct 20
logo
List of Unclassifed Man...
AC05 ETC1-AC05 Datasheet
398Kb / 24P
   Cemented wirewound resitors
logo
celduc-relais
AC05 CELDUC-AC05 Datasheet
375Kb / 6P
   REED SWITCH NORMALY OPEN, DRY CONTACT
logo
Intronics Power, Inc.
AC05 INTRONICS-AC05 Datasheet
205Kb / 1P
   5 WATT OPEN FRAME AC-DC MODULES
logo
Vishay Siliconix
AC05 VISHAY-AC05 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
More results

Similar Description - AC05TB1R5M

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR370-3-391 DATATRONICS-DR370-3-391 Datasheet
108Kb / 1P
   Radial Leaded Inductors
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
LHL08TB180K TAIYO-YUDEN-LHL08TB180K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB182J TAIYO-YUDEN-LHL08TB182J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB100M TAIYO-YUDEN-LHLP10TB100M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB101K TAIYO-YUDEN-LHLP10TB101K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com