Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU808C Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # GBU808C
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

GBU808C Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  GBU808C Datasheet HTML 1Page - HY ELECTRONIC CORP. GBU808C Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -200 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
flammability classification 94V-0
Mounting postition:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
GBU
GBU
GBU
GBU
GBU
GBU
GBU
8005C
801C
802C
804C
806C
808C
810C
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
30
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 4.0A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 75mm*75mm*1.6mm cu plate heatsink.
UNIT
SYMBOL
CHARACTERISTICS
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Rating at 25℃ ambient temperature unless otherwise specified.
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT -
8.0 Amperes
Dimensions in inches and (milimeters)
SILICON BRIDGE RECTIFIERS
-55 to +125
IFSM
166
60
2.2
500
uA
A
200
8.0
3.2
~ 285 ~
GBU8005C thru GBU810C
A
IR
1.0
I(AV)
-55 to +150
10
GBU-C
.018(.46)
.022(.56)
.126(3.2)
.114(2.9)
.156(3.95)
.148(3.75)
.190
.210
(4.8)
(5.3)
(5.3)
(4.8)
.210
.190
.190
.210
(4.8)
(5.3)
.080(2.03)
.065(1.65)
.085(2.16)
.100(2.54)
.047(1.2)
.035(0.9)
.680(17.27)
.720(18.29)
.752(19.1)
.720(18.3)
CHAMFER
3.2*3.2
.232(5.9)
.224(5.7)
.154(3.9)
.146(3.7)
.860(21.8)
.874(22.2)
.063(1.6)
.079(2.0)


Similar Part No. - GBU808C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU808 DIODES-GBU808 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
SAMYANG ELECTRONICS CO....
GBU808 SAMYANG-GBU808 Datasheet
989Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SynSemi, Inc.
GBU808 SYNSEMI-GBU808 Datasheet
458Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
New Jersey Semi-Conduct...
GBU808 NJSEMI-GBU808 Datasheet
163Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Diodes Incorporated
GBU808 DIODES-GBU808 Datasheet
75Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. 7 - 2
More results

Similar Description - GBU808C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com