Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER107G Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HER107G
Description  GLASS HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HER107G Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HER107G Datasheet HTML 1Page - HY ELECTRONIC CORP. HER107G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic
Polarity: Color band denotes cathode
Weight: 0.012 ounces , 0.34 grams
Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
HER
HER
HER
HER
HER
HER
HER
HER
101G
102G
103G
104G
105G
106G
107G
108G
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
580
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=55 ℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 1.0A DC(Note1)
VF
1.3
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Tyical Junction Capacitance (Note2)
CJ
pF
Tyical Thermal Resistance (Note3)
RθJA
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
A
100
IR
uA
1.7
1.0
A
I(AV)
~ 99 ~
-50 to +150
50
75
20
10
IFSM
30
GLASS HIGH EFFICIENCY RECTIFIERS
REVERSE VOLTAGE
- 50 to 1000 Volts
FORWARD CURRENT - 1.0 Amperes
HER101G thru HER108G
CHARACTERISTICS
SYMBOL
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction of ambient.
NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A.
5.0
25
-50 to +150
UNIT
1.0
DO- 41
.107(2.7)
.080(2.0)
.034(0.9)
.028(0.7)
DIA
DIA
.205(5.2)
MAX
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - HER107G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER107G JGD-HER107G Datasheet
172Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Chongqing Pingwei Enter...
HER107G CHONGQING-HER107G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
HER107G DACHANG-HER107G Datasheet
160Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Shanghai Lunsure Electr...
HER107G CHENYI-HER107G Datasheet
157Kb / 2P
   GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
logo
SeCoS Halbleitertechnol...
HER107G SECOS-HER107G Datasheet
454Kb / 2P
   1.0 AMP Glass Passivated High Efficiency Rectifier
More results

Similar Description - HER107G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER801FT HY-HER801FT Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER1601CT HY-HER1601CT Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Taychipst Elec...
HER201G TAYCHIPST-HER201G Datasheet
2Mb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
HY ELECTRONIC CORP.
HER201G HY-HER201G Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER801T HY-HER801T Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER301G HY-HER301G Datasheet
40Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER3001 HY-HER3001 Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER1601F HY-HER1601F Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
Comchip Technology
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER201G SECOS-HER201G Datasheet
151Kb / 2P
   Glass Passivated High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com