Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER802FT Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HER802FT
Description  GLASS HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HER802FT Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HER802FT Datasheet HTML 1Page - HY ELECTRONIC CORP. HER802FT Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low switching noise
Low forward voltage drop
Low thermal resistance
High current capability
High fast switching capability
High surge capacity
MECHANICAL DATA
Case: ITO-220AC molded plastic
Epoxy: UL94V-0 rate flame retadant
Lead: MIL-STD-202E method 208C guaranteed
Mounting position :Any
Weight: 2.24 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
HER
HER
HER
HER
HER
HER
801FT
802FT
803FT
804FT
805FT
806FT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
V
Maximum Average Forward
Rectified Current
@TA =75 ℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Typical Thermal Resistance
RθJA
℃/W
Typical Junction Capacitance (Note2)
CJ
pF
Operating and Storage Temperature Range
TJ,
TSTG
Peak Instantaneous Forward Voltage at 8.0A DC
VF
1.3
1.7
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recoverry Time(Note1)
TRR
nS
IFSM
1.1
A
REVERSE VOLTAGE
- 50 to 600Volts
FORWARD CURRENT - 8.0 Amperes
60
-65 to + 150
8.0
300
40
2.5
IR
uA
10
150
~ 117 ~
3.Suffix"R" for reverse polarity
NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC.
HER801FT thru HER806FT
A
IO
GLASS HIGH EFFICIENCY RECTIFIERS
UNIT
SYMBOL
CHARACTERISTICS
ITO-220AC
.020(0.51)
.030(0.76)
.030(0.76)
.020(0.51)
.106(2.7)
.118(3.0)
.571(14.5)
.610(15.5)
.122(3.1)
.138(3.5)
.571(14.5)
.531(13.5)
.043(1.1)
.059(1.5)
.098(2.5)
.114(2.9)
.173(4.4)
.189(4.8)
.102(2.6)
.118(3.0)
.406(10.3)
.386(9.8)
.112(2.84)
.088(2.24)
.157(4.0)
.142(3.6)
.04 MAX
(1.0)


Similar Part No. - HER802FT

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HER802 RECTRON-HER802 Datasheet
24Kb / 2P
   HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
logo
Nanjing International G...
HER802 DGNJDZ-HER802 Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER802 BYTES-HER802 Datasheet
162Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER802 DGNJDZ-HER802 Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Dc Components
HER802 DCCOM-HER802 Datasheet
463Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER802FT

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER1601CT HY-HER1601CT Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Taychipst Elec...
HER201G TAYCHIPST-HER201G Datasheet
2Mb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
HY ELECTRONIC CORP.
HER101G HY-HER101G Datasheet
35Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER201G HY-HER201G Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER801T HY-HER801T Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER301G HY-HER301G Datasheet
40Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER3001 HY-HER3001 Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER1601F HY-HER1601F Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
Comchip Technology
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER201G SECOS-HER201G Datasheet
151Kb / 2P
   Glass Passivated High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com