Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K24C080-DCT-A Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # K24C080-DCT-A
Description  8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

K24C080-DCT-A Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  K24C080-DCT-A Datasheet HTML 1Page - Estek Electronics Co. Ltd K24C080-DCT-A Datasheet HTML 2Page - Estek Electronics Co. Ltd K24C080-DCT-A Datasheet HTML 3Page - Estek Electronics Co. Ltd K24C080-DCT-A Datasheet HTML 4Page - Estek Electronics Co. Ltd K24C080-DCT-A Datasheet HTML 5Page - Estek Electronics Co. Ltd K24C080-DCT-A Datasheet HTML 6Page - Estek Electronics Co. Ltd K24C080-DCT-A Datasheet HTML 7Page - Estek Electronics Co. Ltd K24C080-DCT-A Datasheet HTML 8Page - Estek Electronics Co. Ltd K24C080-DCT-A Datasheet HTML 9Page - Estek Electronics Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
P R O M
¡Wide Voltage Operation
- VCC = 1.8V to 5.5V
¡Operating Ambient Temperature: -40
。C to +85。C
¡Internally Organized:
- 24C02, 256 X 8 (2K bits)
- 24C04, 512 X 8 (4K bits)
- 24C08, 1024 X 8 (8K bits)
- 24C16, 2048 X 8 (16K bits)
¡Two-wire Serial Interface
¡Schmitt Trigger, Filtered Inputs for Noise Suppression
¡Bidirectional Data Transfer Protocol
¡1 MHz (5V), 400 kHz (1.8V, 2.5V, 2.7V) Compatibility
¡Write Protect Pin for Hardware Data Protection
¡8-byte Page (2K), 16-byte Page (4K, 8K, 16K) Write Modes
¡Partial Page Writes Allowed
¡Self-timed Write Cycle (5 ms max)
¡High-reliability
- Endurance: 1 Million Write Cycles
- Data Retention: 100 Years
¡8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
¡Die Sales: Wafer Form, Waffle Pack
Features
General Description
The
24C02/ 24C04/ 24C08/ 24C16 provides 2048/4096/8192/16384 bits of serial electrically erasable and
programmable read-only memory (EEPROM) organized as 256/512/1024/2048 words of 8 bits each. The device is
optimized for use in many industrial and commercial applications where low-power and low-voltage operation are
essential. The 24C02/ 24C04/ 24C08/ 24C16 is available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead
TSSOP packages and is accessed via a two-wire serial interface.
Pin Configuration
Pin Descriptions
Pin Designation
A0 - A2
SDA
SCL
NC
GND
WP
VCC
Name and Functions
Write Protect
Address Inputs
Serial Data
Serial Clock Input
No Connect
Ground
Power Supply
I
I
I
NC
P
P
Type
¡Table 1: Pin Configuration
I/O & Open-drain
C
SDA
SCL
WP
VCC
1
2
3
4
8
7
6
5
NC / NC / NC / A0
NC / NC / A1 / A1
NC / A2 / A2 / A2
GND
16 / C08 / C04 / C02
SDA
SCL
WP
VCC
1
2
3
4
8
7
6
5
NC / NC / NC / A0
NC / NC / A1 / A1
NC / A2 / A2 / A2
GND
C16 / C08 / C04 / C02
SDA
SCL
WP
VCC
1
2
3
4
8
7
6
5
NC / NC / NC / A0
NC / NC / A1 / A1
NC / A2 / A2 / A2
GND
C16 / C08 / C04 / C02
8-lead PDIP
8-lead SOP
8-lead TSSOP
1
BEIJING ESTEK ELECTRONICS CO.,LTD
24C02 / 24C04 / 24C08 / 24C16


Similar Part No. - K24C080-DCT-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K24C08 ETC1-K24C08 Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
K24C08C ETC-K24C08C Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
V1.3
More results

Similar Description - K24C080-DCT-A

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
   available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Analog Devices
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330_15 Datasheet
590Kb / 4P
   Lead-Free 2 mm 8-Lead PDFN Package
logo
Analog Devices
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com