Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN04TA120M Datasheet(PDF) 6 Page - ABCO ELECTRONICS CO.LTD

Part # AN04TA120M
Description  LEADED INDUCTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

AN04TA120M Datasheet(HTML) 6 Page - ABCO ELECTRONICS CO.LTD

Back Button AN04TA120M Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD AN04TA120M Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD AN04TA120M Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD AN04TA120M Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD AN04TA120M Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD AN04TA120M Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD AN04TA120M Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD AN04TA120M Datasheet HTML 9Page - ABCO ELECTRONICS CO.LTD AN04TA120M Datasheet HTML 10Page - ABCO ELECTRONICS CO.LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
49
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Measuring
Self-Resonant
DC
Rate
Ordering Code
Inductance
Inductanced
Q
Frequency
Frequency
Resistance
Current
[
µH]
Tolerance
(min.)
[MHz]
[MHz]
[
Ω ][mA]
(min.)
(max.)
(max.)
●ALN02
ALN02T
R12K
ALN02T
R15K
ALN02T
R18K
ALN02T
R22K
ALN02T
R27K
ALN02T
R33K
ALN02T
R39K
ALN02T
R47K
ALN02T
R56K
ALN02T
R68K
ALN02T
R82K
ALN02T
1R0K
ALN02T
1R2K
ALN02T
1R5K
ALN02T
1R8K
ALN02T
2R2K
ALN02T
2R7K
ALN02T
3R3K
ALN02T
3R9K
ALN02T
4R7K
ALN02T
5R6K
ALN02T
6R8K
ALN02T
8R2K
ALN02T
100K
ALN02T
120K
ALN02T
150K
ALN02T
180K
ALN02T
220K
ALN02T
270K
ALN02T
330K
ALN02T
390K
ALN02T
470K
ALN02T
560K
ALN02T
680K
ALN02T
820K
ALN02T
101K
ALN02T
121K
ALN02T
151K
ALN02T
181K
ALN02T
221K
ALN02T
271K
ALN02T
331K
ALN02T
391K
ALN02T
471K
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
500
500
500
500
500
480
430
380
350
310
270
240
210
190
140
90
70
50
35
32
30
28
26
24
22
20
18
17
15
14
13
12
10
9.2
8.8
8.0
6.6
5.8
5.4
4.8
3.6
3.4
3.2
3.0
0.12
0.14
0.15
0.16
0.18
0.19
0.21
0.23
0.25
0.27
0.29
0.32
0.35
0.38
0.42
0.47
0.52
0.57
0.63
0.69
0.75
0.84
0.92
1.0
1.0
1.2
1.3
1.5
1.7
2.2
2.4
2.8
4.1
4.5
5.0
5.6
9.2
10.5
11.5
13.0
16.0
18.0
20.0
22.0
850
800
760
730
690
660
640
610
580
550
520
500
480
450
430
410
390
370
360
340
320
310
290
280
280
265
250
235
220
180
170
160
140
130
125
120
90
85
80
75
70
66
63
60
50
40
50
25.2
7.96
2.52
0.796
± 10%
(
± 5%)
*please specify the taping configuration code.
*
: A, B, R


Similar Part No. - AN04TA120M

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
AN04-006 LINEAGEPOWER-AN04-006 Datasheet
476Kb / 4P
   PWB Layout Considerations
More results

Similar Description - AN04TA120M

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR370-3-391 DATATRONICS-DR370-3-391 Datasheet
108Kb / 1P
   Radial Leaded Inductors
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
LHL08TB180K TAIYO-YUDEN-LHL08TB180K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB182J TAIYO-YUDEN-LHL08TB182J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB100M TAIYO-YUDEN-LHLP10TB100M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB101K TAIYO-YUDEN-LHLP10TB101K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com