Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM200EZ-M Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # TM200EZ-M
Description  HIGH POWER GENERAL USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM200EZ-M Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  TM200EZ-M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM200EZ-M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM200EZ-M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM200EZ-M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb.1999
ABSOLUTE MAXIMUM RATINGS
Unit
V
V
V
V
V
V
MITSUBISHI THYRISTOR MODULES
TM200RZ/EZ/GZ-M,-H,-24,-2H
MEDIUM POWER GENERAL USE
INSULATED TYPE
M
400
480
320
400
480
320
Symbol
VRRM
VRSM
VR (DC)
VDRM
VDSM
VD (DC)
Parameter
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
DC reverse voltage
Repetitive peak off-state voltage
Non-repetitive peak off-state voltage
DC off-state voltage
Unit
A
A
A
A2s
A/
µs
W
W
V
V
A
°C
°C
V
N·m
kg·cm
N·m
kg·cm
g
Conditions
Single-phase, half-wave 180
° conduction, TC=67°C
One half cycle at 60Hz, peak value
Value for one cycle of surge current
VD=1/2VDRM, IG=1.0A, Tj=125
°C
Charged part to case
Main terminal screw M8
Mounting screw M6
Typical value
Ratings
310
200
4000
6.7
× 104
100
10
3.0
10
5.0
4.0
–40~125
–40~125
2500
8.83~10.8
90~110
1.96~3.92
20~40
300
Symbol
IT (RMS), IF (RMS)
IT (AV), IF (AV)
ITSM, IFSM
I2t
di/dt
PGM
PG (AV)
VFGM
VRGM
IFGM
Tj
Tstg
Viso
Parameter
RMS current
Average current
Surge (non-repetitive) current
I2t for fusing
Critical rate of rise of on-state current
Peak gate power dissipation
Average gate power dissipation
Peak gate forward voltage
Peak gate reverse voltage
Peak gate forward current
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Weight
Voltage class
ELECTRICAL CHARACTERISTICS
Unit
mA
mA
V
V/
µs
V
V
mA
°C/W
°C/W
M
Limits
Symbol
IRRM
IDRM
VTM, VFM
dv/dt
VGT
VGD
IGT
Rth (j-c)
Rth (c-f)
Parameter
Repetitive peak reverse current
Repetitive peak off-state current
Forward voltage
Critical rate of rise of off-state voltage
Gate trigger voltage
Gate non-trigger voltage
Gate trigger current
Thermal resistance
Contact thermal resistance
Insulation resistance
Test conditions
Tj=125
°C, VRRM applied
Tj=125
°C, VDRM applied
Tj=125
°C, ITM=IFM=600A, instantaneous meas.
Tj=125
°C, VD=2/3VDRM
Tj=25
°C, VD=6V, RL=2Ω
Tj=125
°C, VD=1/2VDRM
Tj=25
°C, VD=6V, RL=2Ω
Junction to case (per 1/2 module)
Case to fin, conductive grease applied (per 1/2 module)
Measured with a 500V megohmmeter between main terminal
and case
Min.
500
0.25
15
10
Typ.
Max.
30
30
1.35
3.0
100
0.2
0.1
Note: Items of the above table applies to the Thyristor part and the Diode part as circled in the following tables.
H
800
960
640
800
960
640
24
1200
1350
960
1200
1350
960
H
1600
1700
1280
1600
1700
1280


Similar Part No. - TM200EZ-M

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TM200 TRUMPOWER-TM200 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
logo
Extech Instruments Corp...
TM200 EXTECH-TM200 Datasheet
99Kb / 7P
   Type K Dual Input Thermometer
logo
Tumbler Technologies + ...
TM200-D23 TRUMPOWER-TM200-D23 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
TM200-D24 TRUMPOWER-TM200-D24 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
TM200-D25 TRUMPOWER-TM200-D25 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - TM200EZ-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM90DZ-M MITSUBISHI-TM90DZ-M Datasheet
63Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM400DZ-M MITSUBISHI-TM400DZ-M Datasheet
61Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ MITSUBISHI-RM150DZ Datasheet
55Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM100DZ-M MITSUBISHI-RM100DZ-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ-M MITSUBISHI-RM500DZ-M Datasheet
51Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ MITSUBISHI-RM500DZ Datasheet
49Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ-H MITSUBISHI-RM150DZ-H Datasheet
48Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM90RZ-M MITSUBISHI-TM90RZ-M Datasheet
67Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM130DZ-M MITSUBISHI-TM130DZ-M Datasheet
66Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500HA-M MITSUBISHI-RM500HA-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com