Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3843 Datasheet(PDF) 7 Page - Estek Electronics Co. Ltd

Part # KA3843
Description  fixed frequency current mode PWM controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

KA3843 Datasheet(HTML) 7 Page - Estek Electronics Co. Ltd

  KA3843 Datasheet HTML 1Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 2Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 3Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 4Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 5Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 6Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Vsat
(V)
-1
V
15 V
Sourse Satura tion
(Load to Ground)
ICC
(m A)
-2
80
s
µ
Pulsed Load 120Hz
Ra te
20
3
15
2
10
I
=
Se nse
0V
0V
R
10K
Sink Sa tura tion
T
=
25
C
1
(Lo a d to
5
A
C
3.3nF
0
0
200
400
600
I
(O m
0
0
10
20
30
V
(CC
Figure
.7 Output Saturation Voltage vs. Load
Current
Figure
.8
Supply Current vs. Supply
Voltag
.e
T
25
.
Vref
RT
8
PWM
VCC
7
5V REG
6
R /C
T
T
OUTPUT
OUTPUT
LARGE
R / SMALL C
T
CLOCK
R
C
T
T
/
4
ID
OSCILLATOR
5
R /C
T
T
OUTPUT
SMALL RT / LARGE
GND
Figure 9. Oscillator and Output Waveforms
Ordering Information
O RDERI NG
N UM B ER
P AC K AG E
M AR K I NG
3842 / 43 / 44 / 45
SOP -8 / DI P- 8
KA3842 / 43 / 44/ 45
Address :
6A06--6A07
Rm 6A07,Changyin Office Building ,No.88,Yong Ding Road,Hai Dian District ,Beijing
Postalcode:100039
Tel: 86-010-58895780 / 81 / 82 / 83 / 84
Fax : 010-58895793
Http://www.estek.com.cn
Email:sales@estek.com.cn
REV No:01-060815
7
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - KA3843

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KA3843A WINGS-KA3843A Datasheet
662Kb / 9P
   Current���� Mode��PWM��Cont roller
logo
Fairchild Semiconductor
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3843ACD FAIRCHILD-KA3843ACD Datasheet
47Kb / 6P
   SMPS Controller
logo
Wing Shing Computer Com...
KA3843AM WINGS-KA3843AM Datasheet
662Kb / 9P
   Current���� Mode��PWM��Cont roller
logo
Fairchild Semiconductor
KA3843B FAIRCHILD-KA3843B Datasheet
91Kb / 12P
   SMPS Controller
More results

Similar Description - KA3843

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_16 Datasheet
397Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843_16 Datasheet
386Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_11 Datasheet
155Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
ON Semiconductor
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com