Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3843 Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # KA3843
Description  fixed frequency current mode PWM controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

KA3843 Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  KA3843 Datasheet HTML 1Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 2Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 3Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 4Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 5Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 6Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pin functions
N
Function
Description
1
COMP
This pin is the Error Amplifier output and is made for loop compensation.
2
VFB
This is the inverting input of the Error Amplifier. It is normall y connected to the switching power supply
output through a resistor divider.
3
ISENSE
A voltage proportional to inductor current is connected to this input. The PWM uses this information to
terminate the output switch conduction.
4
RT/CT
The oscillator frequency and maximum Output duty cycle are programmed by connecting resistor RT to Vref
and capacitor CT to ground.
5
GROUND
This pin is the combined control circuitry and power ground.
6
OUTPUT
This output directly drives the gate of a power MOSFET. Peak currents up to 1A are sourced and sink by
this pin.
7
VCC
This pin is the positive supply of the integrated circuit.
8
Vref
This is the reference output. It provides charging current for capacitor C T through resistor RT .
Application information
2.5V
1mA
V
FB
2
COMP
1
Figure 1. Error Amp Configuration
VCC
7
ON/OFF COMMAND TO S/R OF IC
ICC
MIK3842 MIK3843
MIK3844 MIK3845
13mA
VON
VOFF
16V
10V
8.4V
7.6V
0.2mA
VOFF
VON
VCC
During UVLO, the Output is low
Figure 2. Undervoltage Lockout
IS
R
VFB
COMP
CURRENT
SENSE
+
2
_
1
3
ERROR
AMP
2R
R
1V
CURRENT
SENSE
COMPARATOR
RS
C
GND
5
Peak current is determined by
IS max
1.0V
RS
Figure 3. Current Sense Circuit
3
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - KA3843

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KA3843A WINGS-KA3843A Datasheet
662Kb / 9P
   Current���� Mode��PWM��Cont roller
logo
Fairchild Semiconductor
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3843ACD FAIRCHILD-KA3843ACD Datasheet
47Kb / 6P
   SMPS Controller
logo
Wing Shing Computer Com...
KA3843AM WINGS-KA3843AM Datasheet
662Kb / 9P
   Current���� Mode��PWM��Cont roller
logo
Fairchild Semiconductor
KA3843B FAIRCHILD-KA3843B Datasheet
91Kb / 12P
   SMPS Controller
More results

Similar Description - KA3843

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_16 Datasheet
397Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843_16 Datasheet
386Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_11 Datasheet
155Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
ON Semiconductor
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com