Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD35T-561K-H Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # RD35T-561K-H
Description  RADIAL LEADED INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

RD35T-561K-H Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  RD35T-561K-H Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD RD35T-561K-H Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD RD35T-561K-H Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD RD35T-561K-H Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD RD35T-561K-H Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD RD35T-561K-H Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD RD35T-561K-H Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD RD35T-561K-H Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
57
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
TYPE
TYPE DIMENSTION
MARKING INDUCTANCE
INDUCTANCE TOLERENCE
Inductance[
µH]
Color
1st Digit
2nd
Multiplier
Digit
FEATURES
• The RD Series inductors are available in 3 from factors
range from 35 to 45.
• For small current applications
APPLICATION
Consumer electronics such as VCR,TV and Monitor other
electronic equipment.
RADIAL LEADED INDUCTORS
-25 ~ +85
˚C (Including self-generated heat)
OPERATING TEMP
ORDERING CODE
RD
Radial Leaded Inductor
1
35
6.0
× 4.0
40
8.0
× 5.0
45
9.5
× 6.0
2
R22
0.22
µH
1R5
1.5
µH
120
12
µH
3
J
± 5%
K
± 10%
4
Black
0
× 1
Brown
1
× 10
Red
2
× 100
Orange
3
× 1000
Yellow
4
-
Green
5
-
Blue
6
-
Purple
7
-
Grey
8
-
White
9
-
Gold
-
× 0.1
Silver
-
× 0.01
1
2
3
1
2
3
MARKING
RD
1
35
2
K
4
101
3


Similar Part No. - RD35T-561K-H

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RD35 ASTRODYNE-RD35 Datasheet
296Kb / 4P
   35W Dual Output Switching Power Supply
RD35-A ASTRODYNE-RD35-A Datasheet
296Kb / 4P
   35W Dual Output Switching Power Supply
RD35-B ASTRODYNE-RD35-B Datasheet
296Kb / 4P
   35W Dual Output Switching Power Supply
logo
Mitsubishi Electric Sem...
RD35HUF2 MITSUBISHI-RD35HUF2 Datasheet
1Mb / 20P
   Silicon MOSFET Power Transistor, 175MHz, 530MHz, 35W
More results

Similar Description - RD35T-561K-H

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com