Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576 Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # LM2576
Description  Simple high-efficiency step-down (buck) regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM2576 Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  LM2576 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 4Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 5Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 6Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 7Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 8Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM2576 Series
Absolute Maximum Ratings (Note 1)
Parameter
Maximum
Units
Maximum Supply Voltage
MIK2576
MIK2576HV
45
63
V
ON/OFF Pin Input Voltage
-0.3V
≤ V ≤ +V
IN
Output Voltage to Ground (Steady State)
-1
V
Power Dissipation
Internally Limited
W
Storage Temperature Range
-65
to +150
°C
Maximum Junction Temperature
150
°C
Minimum ESD Rating (C= 100pF, R = 1.5 k
Ω)
2
kV
Lead Temperature (Soldering, 10 Seconds)
260
°C
Operating Ratings
Temperature Range
MIK2576/ MIK2576HV
Supply Voltage
Parameter
Value
Units
-40
≤ T
J ≤ +125
°C
MIK2576
MIK2576HV
40
60
V
Electrical Characteristics MIK2576-3.3, MIK2576HV-3.3
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range.
Symbol
Parameter
Conditions
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
VOUT
Output Voltage
VIN =12V, ILOAD =0.5A
Circuit of Figure 2
MIK2576-3.3
MIK2576HV-3.3
Typ
Limit (Note 2)
3.3
3.234
3.366
Units
(Limits)
V
V(Min)
V(Max)
VOUT
Output Voltage
MIK2576
VOUT
Output Voltage
MIK2576HV
6V
≤ V
IN ≤ 40V, 0.5A ≤ ILOAD
3A Circuit of Figure 2
6V
≤ V
IN ≤ 60V, 0.5A ≤ ILOAD
3A Circuit of Figure 2
3.3
3.3
3.168/3.135
3.432/3.465
3.168/3.135
3.450/3.482
V
V(Min)
V(Max)
V
V(Min)
V(Max)
η
Efficiency
VIN =12V, ILOAD =3A
75
%
Electrical Characteristics MIK2576-5.0, MIK2576HV-5.0
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range.
Symbol
Parameter
Conditions
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
VOUT
Output Voltage
VIN =12V, ILOAD =0.5A
Circuit of Figure 2
MIK2576-5.0
MIK2576HV-5.0
Typ
Limit (Note 2)
5.0
4.900
5.100
Units
(Limits)
V
V(Min)
V(Max)
VOUT
Output Voltage
MIK2576
VOUT
Output Voltage
MIK2576HV
0.5A
≤ I
LOAD ≤ 3A,
8V
≤ V
IN ≤ 40V
Circuit of Figure 2
0.5A
≤ I
LOAD ≤ 3A,
8V
≤ V
IN ≤ 60V
Circuit of Figure 2
5.0
5.0
4.800/4.750
5.200/5.250
4.800/4.750
5.225/5.275
V
V(Min)
V(Max)
V
V(Min)
V(Max)
η
Efficiency
VIN =12V, ILOAD =3A
77
%
3
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - LM2576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Texas Instruments
LM2576 TI1-LM2576 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
Semtech Corporation
LM2576 SEMTECH-LM2576 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
More results

Similar Description - LM2576

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
   Simple high-efficiency step-down (buck) regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com