Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIK2576HVS-33 Datasheet(PDF) 5 Page - Estek Electronics Co. Ltd

Part # MIK2576HVS-33
Description  Simple high-efficiency step-down (buck) regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

MIK2576HVS-33 Datasheet(HTML) 5 Page - Estek Electronics Co. Ltd

  MIK2576HVS-33 Datasheet HTML 1Page - Estek Electronics Co. Ltd MIK2576HVS-33 Datasheet HTML 2Page - Estek Electronics Co. Ltd MIK2576HVS-33 Datasheet HTML 3Page - Estek Electronics Co. Ltd MIK2576HVS-33 Datasheet HTML 4Page - Estek Electronics Co. Ltd MIK2576HVS-33 Datasheet HTML 5Page - Estek Electronics Co. Ltd MIK2576HVS-33 Datasheet HTML 6Page - Estek Electronics Co. Ltd MIK2576HVS-33 Datasheet HTML 7Page - Estek Electronics Co. Ltd MIK2576HVS-33 Datasheet HTML 8Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LM2576 Series
All Output Voltage Versions
Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range.
Unless otherwise specified, VIN =12V for
the 3.3V, 5V, and Adjustable version, V IN =25V for the 12V version, and VIN =30V for the 15V
version, , ILOAD =500mA.
Symbol
Parameter
Conditions
DEVICE PARAMETERS
MIK2576-XX
MIK2576HV-XX
Typ
Limit (Note 2)
Units
(Limits)
Ib
Feedback Bias Current
VOUT =5V (Adjustable Version Only)
50
100/500
nA
fO
Oscillator Frequency
(Note 8)
52
VSAT
Saturation Voltage
IOUT =3A (Note 4)
1.4
DC
Max Duty Cycle (ON)
(Note 5)
98
ICL
Current Limit
(Notes 4, 8)
5.8
IL
Output Leakage Current
(Notes 6, 7):
Output = 0V
47/42
58/63
1.8/2.0
93
4.2/3.5
6.9/7.5
2
kHz
kHz(Min)
kHz(Max)
V
V(Max)
%
%(Min)
A
A(Min)
A(Max)
mA(Max)
Output = -1V
Output = -1V
7.5
30
mA
mA(Max)
IQ
Quiescent Current
(Note 6)
5
10
mA
mA(Max)
ISTBY
Standby Quiescent Current
___
ON/OFF Pin = 5V (OFF)
50
200
µA
µA(Max)
___
ON/OFF CONTROL
VIH
__
ON/OFF Pin
VOUT = 0V
1.4
2.2/2.4
V(Min)
VIL
Logic Input Level
VOUT = Nominal Output Voltage
1.2
1.0/0.8
V(Max)
IIH
IIL
__
ON/OFF Pin Input
Current
__
ON/OFF Pin = 5V (OFF)
__
ON/OFF Pin = 0V (ON)
12
0
30
10
µA
µA(Max)
µA
µA(Max)
Note
1:
Absolute
Maximum
Ratings
indicate
limits
beyond
which
damage
to
the
device
may
occur.
Operating
Ratings
indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits.
For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: All limits guaranteed at room temperature (standa rd type face) and at temperature extremes (bold type face).
Note 3: External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system
performance. When the MIK2576/MIK2576HV is used as shown in the Figure 2 test circuit, system performance will be as
shown in system parameters section of Electrical Characteristics.
Note 4: Output pin sourcing current. No diode, inductor or capacitor connected to output.
Note 5: Feedback pin removed from output and connected to 0V.
Note 6: Feedback pin removed from output and connected to +12V for the Adjustable, 3.3V, and 5V, versions, and +25V for the 12V
and 15V versions, to force the output transistor OFF.
Note 7: VIN =40V (60V for high voltage version).
Note 8: The oscillator frequency reduces to approximately 11 kHz in the event of an output short or an overload which causes the
regulated output voltage to drop approximately 40% from the nominal output voltage. This self protections feature lowers the
average power dissipation of the IC by lowering the minimum duty cycle from 5% down to approximately 2%.
5
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - MIK2576HVS-33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
   Video Decoder
More results

Similar Description - MIK2576HVS-33

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
   Simple high-efficiency step-down (buck) regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com