Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIK2576HVS-12 Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # MIK2576HVS-12
Description  Simple high-efficiency step-down (buck) regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

MIK2576HVS-12 Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  MIK2576HVS-12 Datasheet HTML 1Page - Estek Electronics Co. Ltd MIK2576HVS-12 Datasheet HTML 2Page - Estek Electronics Co. Ltd MIK2576HVS-12 Datasheet HTML 3Page - Estek Electronics Co. Ltd MIK2576HVS-12 Datasheet HTML 4Page - Estek Electronics Co. Ltd MIK2576HVS-12 Datasheet HTML 5Page - Estek Electronics Co. Ltd MIK2576HVS-12 Datasheet HTML 6Page - Estek Electronics Co. Ltd MIK2576HVS-12 Datasheet HTML 7Page - Estek Electronics Co. Ltd MIK2576HVS-12 Datasheet HTML 8Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM2576 Series
Description
The MIK2576 series of regulators are monolithic integrated circuits that provide all the active functions for a step-down (buck) switching
regulator, capable of driving 3A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3V,
5V, 12V, 15V, and an adjustable output versions. Requiring a minimum number of external components, these regulators are simple to
use
and
include
internal
frequency
compensation
and
a
fixed-frequency
oscillator.
The
MIK2576
series
offers
a
high-efficiency replacement for popular three-terminal linear regulators. It substantially reduces the size of the heat sink, and in some
cases no heat sink is required. A standard series of inductors optimized for use with the MIK2576 are available from several different
manufacturers. This feature greatly simplifies the design of switch-mode power supplies. Other features include a guaranteed ± 4%
tolerance on output voltage within specified input voltages and output load conditions, and ±10% on the oscillator frequency. External
shutdown is included, featuring 50µA (typical) standby current. The output switch includes cycle-by-cycle current limiting, as well as
thermal shutdown for full protection under fault conditions.
Note: The MIK2576HV is not produced yet.
Features
3.3V, 5V, 12V, 15V, and adjustable output versions
Adjustable version output voltage range
1.23V to 37V (57V for HV version) ±4% max over line
and load conditions
Guaranteed 3A output current
Wide input voltage range, 40V up to 60V for HV
version
Requires only 4 external components
52 kHz fixed frequency oscillator
TTL shutdown capability, low power standby mode
High efficiency
Uses readily available standard inductors
Thermal shutdown and current limit protection
Applications
Simple high-efficiency step-down (buck) regulator
Efficient pre-regulator for linear regulators
On-card switching regulators
Positive to negative converter (Buck-Boost)
Typical application Figure 1.(Fixed Output Voltage Versions)
7V - 40V
(60V for HV)
UNREGULATED
+VIN
1
MIK2576/
MIK2576HV-
5.0
FEEDBACK
4
OUTPUT
2
L1
+5V
REGULATED
DC INPUT
+
3
GND
CIN
5 ON/OFF
100
H
D1
1N5822
+ COUT
1000
F
OUTPUT
3A
LOAD
1
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - MIK2576HVS-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
   Video Decoder
More results

Similar Description - MIK2576HVS-12

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
   Simple high-efficiency step-down (buck) regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com