Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1G Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # UF1G
Description  SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

UF1G Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  UF1G Datasheet HTML 1Page - HY ELECTRONIC CORP. UF1G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case: Molded Plastic
Polarity: lndicated by cathode band
Weight: 0.002 ounces,0.064 grams
Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
UF1A
UF1B
UF1D
UF1G
UF1J
UF1K
UF1M
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
420
580
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=55 ℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 1.0A DC(Note1)
VF
1.3
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Tyical Junction Capacitance (Note2)
CJ
pF
Tyical Thermal Resistance (Note3)
RθJA
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
30
A
100
IR
uA
1.7
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction of ambient.
NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A.
A
I(AV)
~ 85 ~
-50 to +150
50
75
20
10
1.0
IFSM
UF1A thru UF1M
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Amperes
SURFACE MOUNT
GLASS ULTRA FAST RECTIFIERS
5.0
25
-50 to +150
1.0
SMA
.055(1.40)
.062(1.60)
.114(2.90)
.098(2.50)
.181(4.60)
.157(4.00)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.208(5.28)
.188(4.80)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)


Similar Part No. - UF1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1G PANJIT-UF1G Datasheet
70Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF1G CHONGQING-UF1G Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
logo
Shanghai Shunye Electro...
UF1G SHUNYE-UF1G Datasheet
233Kb / 2P
   SURFACE MOUNT ULTRA FAST RE RECTIFIER
logo
Surge Components
UF1G SURGE-UF1G Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
CHENG-YI ELECTRONIC CO....
UF1G CHENG-YI-UF1G Datasheet
125Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
More results

Similar Description - UF1G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
UF3A HY-UF3A Datasheet
41Kb / 2P
   SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
UF2A HY-UF2A Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
logo
DIYI Electronic Technol...
UF1A DYELEC-UF1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
UF1AU DYELEC-UF1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
UF3A DYELEC-UF3A Datasheet
1Mb / 2P
   3.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
UF2A DYELEC-UF2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
UF2AN DYELEC-UF2AN Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
logo
First Components Intern...
HERS201G FCI-HERS201G Datasheet
531Kb / 2P
   2.0Amps Surface Mount Glass Passivated Ultra Fast Rectifiers
logo
HY ELECTRONIC CORP.
UF2AA HY-UF2AA_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
UF3A HY-UF3A_17 Datasheet
166Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com