Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM200DZ-H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # TM200DZ-H
Description  HIGH POWER GENERAL USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM200DZ-H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  TM200DZ-H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM200DZ-H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM200DZ-H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM200DZ-H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb.1999
–1
10
–2
10
–3
10
0
10
0
10
1
10
4
10
3
10
2
10
1
10
–1
10
0
10
1
10
–1
10
2
10
1
10
0
10
70
50
30
20
7
5
3
2
0
500
4000
10
1
100
1000
1500
2000
2500
3000
3500
7
5
3
2
7
5
3
2
7
5
3
2
3
2
7
5
3
2
7
5
3
2
4
7
5
4
VGT=3.0V
IGT=
100mA
IFGM=4.0A
PGM=10W
VFGM=10V
VGD=0.25V
PG(AV)=
3.0W
Tj=25°C
0.5
7
5
3
2
7
5
3
2
7
5
3
2
1.0
2.0
2.5
1.5
Tj=125°C
7
5
3
2
7
5
3
2
7
5
3
2
0.25
0
7
5
3
2
0.05
0.10
0.15
0.20
3
2
0
0
200
320
40
80
120
160
200
240
280
40
80
120
160
θ=30°
120°
90°
180°
θ
360°
60°
130
50
0
120
200
40
60
70
80
90
100
110
120
80
160
θ=30°
60°
90°
θ
360°
180°
120°
RESISTIVE,
INDUCTIVE
LOAD
PER SINGLE
ELEMENT
RESISTIVE,
INDUCTIVE
LOAD
PER SINGLE
ELEMENT
PERFORMANCE CURVES
MAXIMUM ON-STATE CHARACTERISTIC
GATE CHARACTERISTICS
MAXIMUM TRANSIENT THERMAL
IMPEDANCE (JUNCTION TO CASE)
MAXIMUM AVERAGE ON-STATE
POWER DISSIPATION
(SINGLE PHASE HALFWAVE)
LIMITING VALUE OF THE AVERAGE
ON-STATE CURRENT
(SINGLE PHASE HALFWAVE)
RATED SURGE (NON-REPETITIVE)
ON-STATE CURRENT
ON-STATE VOLTAGE (V)
CONDUCTION TIME
(CYCLES AT 60Hz)
TIME (s)
GATE CURRENT (mA)
AVERAGE ON-STATE CURRENT (A)
AVERAGE ON-STATE CURRENT (A)
MITSUBISHI THYRISTOR MODULES
TM200DZ/CZ/PZ-M,-H,-24,-2H
HIGH POWER GENERAL USE
INSULATED TYPE


Similar Part No. - TM200DZ-H

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TM200 TRUMPOWER-TM200 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
logo
Extech Instruments Corp...
TM200 EXTECH-TM200 Datasheet
99Kb / 7P
   Type K Dual Input Thermometer
logo
Tumbler Technologies + ...
TM200-D23 TRUMPOWER-TM200-D23 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
TM200-D24 TRUMPOWER-TM200-D24 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
TM200-D25 TRUMPOWER-TM200-D25 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - TM200DZ-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM90DZ-M MITSUBISHI-TM90DZ-M Datasheet
63Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM400DZ-M MITSUBISHI-TM400DZ-M Datasheet
61Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ MITSUBISHI-RM150DZ Datasheet
55Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM100DZ-M MITSUBISHI-RM100DZ-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ-M MITSUBISHI-RM500DZ-M Datasheet
51Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ MITSUBISHI-RM500DZ Datasheet
49Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ-H MITSUBISHI-RM150DZ-H Datasheet
48Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM90RZ-M MITSUBISHI-TM90RZ-M Datasheet
67Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM130DZ-M MITSUBISHI-TM130DZ-M Datasheet
66Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500HA-M MITSUBISHI-RM500HA-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM200RZ-M MITSUBISHI-TM200RZ-M Datasheet
62Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com