Selected language     English  ▼


W01MG Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part No. W01MG
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

   
 2 page
background image
RATING AND CHARACTERTIC CURVES
WO...G/WOM...G SERIES
~ 246 ~
FIG.1-DERATING CURVE
OUTPUT RECTIFIED CURRENT
AMBIENT TEMPERATURE ,℃
0
1.5
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
10.0
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
TJ=25℃
TYPICAL
DISTRIBUTION
0.01
0.1
1.0
10
TJ=25
FIG.4-TYPIACL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100
120
140
FIG. 1
–MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
1
10
100
20
0
40
60
10
30
50
TJ-25




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ABS2_1Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
GBU601_1Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
TSS4B01G_1Single Phase 4.0 Amps. Glass Passivated Super Fast Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
GBJ2005GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
GBU6005GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
DF15005M_11.5A GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 3 Diodes Incorporated
GBU801_1Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU4AGGLASS PASSIVATED BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
GBJ6005GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
KBU801GSingle Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl