Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET79XX Datasheet(PDF) 6 Page - Estek Electronics Co. Ltd

Part # ET79XX
Description  fixed-negative-voltage monolithic integrated-circuit voltage regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

ET79XX Datasheet(HTML) 6 Page - Estek Electronics Co. Ltd

  ET79XX Datasheet HTML 1Page - Estek Electronics Co. Ltd ET79XX Datasheet HTML 2Page - Estek Electronics Co. Ltd ET79XX Datasheet HTML 3Page - Estek Electronics Co. Ltd ET79XX Datasheet HTML 4Page - Estek Electronics Co. Ltd ET79XX Datasheet HTML 5Page - Estek Electronics Co. Ltd ET79XX Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Electrical Characteristics 7924
Electrical characteristics at specified virtual junction temperature, V I= -33V, IO = 500mA (unless otherwise noted)
79XX
Output voltage**
Parameter
Test Conditions*
7924
Min
Typ
Max
25°
C
-23
-24
-25
Units
IO= 5mA to 1A,
VI= -27V to -38V, P≤
15W
C to 125°
C
-22.8
-24
-25.2
V
Input regulation
VI= -27V to -38V
VI= -30V to -36V
25°
C
5
480
3
240
mV
Ripple rejection
VI= -28V to -38V,
f= 120Hz
C to 125°
C
54
60
dB
Output regulation
IO= 5mA to 1.5A
IO= 250mA to 750mA
25°
C
85
480
25
240
mV
Temperature coefficient of output voltage
IO= 5mA
C to 125°
C
-1
mV/°
C
Output noise voltage
f= 10Hz to 100 KHz
25°
C
600
µV
Dropout voltage
IO= 1A
25°
C
1.1
V
Bias current
25°
C
2
3
Bias current change
VI= -27V to -38V
IO= 5mA to 1A
C to 125°
C
0.04
1
0.06
0.5
mA
Peak output current
25°
C
2.1
A
*
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal
effects must be taken into account separately.
**
This specification applies only for dc power dissipation permitted by absolute maximum ratings.
Typical Applications Circuit
When
using
a
negative
regulator,
bypass
capacitors are
a must on both the input and output.
Recommended values are
2 µF on the input and 1 µF on the output. It is considered good
practice to include a 0.1 µF capacitor on the output to improve
the
transient
response
(Fig.
1). These
capacitors
may
mylar, ceramic,
or
tantalum,
provided
that
they have
$V
IN
2
2µF
79XX
1
1
3
$Vout
0.1µF
Ordering Information
Figure 1. Negative Regulator
O RDER ING NU M B ER
P AC K AGE
M AR K ING
79XX
TO - 220
ET79XX
Address :
6A06--6A07
Rm 6A07,Changyin Office Building ,No.88,Yong Ding Road,Hai Dian District ,Beijing
Postalcode:100039
Tel: 86-010-58895780 / 81 / 82 / 83 / 84
Fax : 010-58895793
Http://www.estek.com.cn
Email:sales@estek.com.cn
REV No:01-060805
BEIJING ESTEK ELECTRONICS CO.,LTD
6


Similar Part No. - ET79XX

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
ET70 WILLOW-ET70 Datasheet
869Kb / 2P
   Metal Composite Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
Gamewell-FCI by Honeywe...
ET70-24110W-FR GAMEWELL-FCI-ET70-24110W-FR Datasheet
240Kb / 4P
   Wheelock
ET70-24110W-FW GAMEWELL-FCI-ET70-24110W-FW Datasheet
240Kb / 4P
   Wheelock
ET70-241575W-FR GAMEWELL-FCI-ET70-241575W-FR Datasheet
240Kb / 4P
   Wheelock
ET70-241575W-FR GAMEWELL-FCI-ET70-241575W-FR Datasheet
110Kb / 4P
   Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
More results

Similar Description - ET79XX

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
7805B ESTEK-7805B Datasheet
241Kb / 3P
   fixed-voltage monolithic integrated-circuit voltage regulators
logo
Microsemi Corporation
SG7900 MICROSEMI-SG7900 Datasheet
374Kb / 7P
   negative fixed voltage regulators
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
Seme LAB
IP1R19A SEME-LAB-IP1R19A Datasheet
31Kb / 4P
   5 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79M05P KEC-KIA79M05P Datasheet
182Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com