Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-5LGAM Datasheet(PDF) 2 Page - Sumida Corporation

Part # P-5LGAM
Description  IFT COILS < Pin Type P-5 Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-5LGAM Datasheet(HTML) 2 Page - Sumida Corporation

  P-5LGAM Datasheet HTML 1Page - Sumida Corporation P-5LGAM Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: P-5LG/AM, P-5LG/MW, P-5LG/SW , P-5LG/FM
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT COILS < Pin Type P-5 Series>
Specification(P-5LG/AM)
Item
(1−3)
Measuring Condition
Frequency
455kHz±2% Variable
Capacity (Int.)
180pF±10%
Unloaded Q
60±20% Within
455kHz
Specification(P-5LG/MW)
Item
(1−3)
Measuring Condition
Inductance
360µH ±4% Variable
796kHz
Unloaded Q
60 Min.
796kHz
Specification(P-5LG/SW)
Item
(4−6)
Measuring Condition
Inductance
115µH±5% Variable
796kHz
Unloaded Q
50Min.
796kHz
Specification(P-5LG/FM)
Item
(1−3)
Measuring Condition
Frequency
10.7MHz±2% Variable
Unloaded Q
55Min.
10.7MHz
Capacity (INT.)
51pF±10%


Similar Part No. - P-5LGAM

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
P-5LGAM SUMIDA-P-5LGAM Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
More results

Similar Description - P-5LGAM

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
P-5LG SUMIDA-P-5LG Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
P-4SBAM SUMIDA-P-4SBAM Datasheet
37Kb / 1P
   IFT COILS< Pin Type: P-4 Series>
P-7GL SUMIDA-P-7GL Datasheet
42Kb / 2P
   IFT COILS < Pin Type: P-7 Series>
P-7GJ SUMIDA-P-7GJ Datasheet
36Kb / 2P
   IFT COILS < Pin Type: P-7 Series>
P-4SB SUMIDA-P-4SB Datasheet
159Kb / 1P
   IFT COILS< Pin Type: P-4 Series>
MG56 SUMIDA-MG56 Datasheet
32Kb / 1P
   IFT COILS < Pin Type: MG Series>
PG78 SUMIDA-PG78_1 Datasheet
186Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG78 SUMIDA-PG78 Datasheet
67Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG57 SUMIDA-PG57 Datasheet
62Kb / 2P
   IFT COILS < Pin Type: PG Series>
P-5DJFM SUMIDA-P-5DJFM Datasheet
66Kb / 2P
   IFT COILS < P-5DJ Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com