Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4029B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4029B
Description  BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4029B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4029B Datasheet HTML 2Page - STMicroelectronics HCF4029B Datasheet HTML 3Page - STMicroelectronics HCF4029B Datasheet HTML 4Page - STMicroelectronics HCF4029B Datasheet HTML 5Page - STMicroelectronics HCF4029B Datasheet HTML 6Page - STMicroelectronics HCF4029B Datasheet HTML 7Page - STMicroelectronics HCF4029B Datasheet HTML 8Page - STMicroelectronics HCF4029B Datasheet HTML 9Page - STMicroelectronics HCF4029B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25
oC, CL =50 pF, RL = 200 K
Ω,
typical temperature coefficent for all VDD values is 03 %/
oC, all input rise and fall times= 20 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VDD (V)
Min.
Typ.
Max.
tPLH
tPHL
Propagation Delay Time (Q Outputs)
5
250
500
ns
10
120
240
15
90
180
tPLH
tPHL
Propagation Delay Time (Carry Output)
5
280
560
ns
10
130
260
15
95
190
tTLH
tTHL
Transition Time (Q Outputs, Carry Output)
5
100
200
ns
10
50
100
15
40
80
tW
Minimum Clock Pulse Width
5
90
180
ns
10
45
90
15
30
60
tr,tf **
Clock Rise and Fall Time
5
15
µs
10
15
15
15
tsetup *
Minimum Setup Time (Carry Input)
5
30
60
ns
10
10
20
15
6
12
tsetup
Minimum Setup Time (B/D or UD)
5
170
340
10
70
140
15
50
100
fmax
Maximum Clock Input Frequency
5
2
4
MHz
10
4
8
15
5.5
11
PRESET ENABLE
tPLH
tPHL
Propagation Delay Time (Q Outputs)
5
235
470
ns
10
100
200
15
80
160
tPLH
tPHL
Propagation Delay Time (Carry Output)
5
320
640
10
145
290
15
105
210
tW
Minimum Preset Enable (Pulse Width)
5
65
130
ns
10
35
70
15
25
50
trem *
Minimum Preset Enable (Removal Time)
5
100
200
ns
10
55
110
15
40
80
CARRY INPUT
tPHL
tPLH
Propagation Delay Time (Carry Output)
5
170
340
ns
10
70
140
15
50
100
tsetup ***
Minimum Setup Time (Carry In)
5
25
50
ns
10
15
30
15
12
25
thold
Minimum Hold Time (Carry In)
5
100
200
10
35
70
15
30
60
*
From Up/Down, Binary/Decade, Carry In or Preset Enable Control Inputs to Clock Edge
** If more than one unit is cascated in the parallel clocked application tr should be made less than or equal to the sum of the fixed propagation
delay at 15 pF and the transition time of the carry output driving stage for the estimated capacitance load.
*** From Carry in to Clock Edge.
HCC/HCF4029B
6/13


Similar Part No. - HCF4029B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4029B STMICROELECTRONICS-HCF4029B Datasheet
485Kb / 12P
   PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
September 2002
HCF4029BEY STMICROELECTRONICS-HCF4029BEY Datasheet
485Kb / 12P
   PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
September 2002
HCF4029BM1 STMICROELECTRONICS-HCF4029BM1 Datasheet
485Kb / 12P
   PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
September 2002
More results

Similar Description - HCF4029B

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
   PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
logo
STMicroelectronics
HCF4029B STMICROELECTRONICS-HCF4029B Datasheet
485Kb / 12P
   PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
September 2002
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
National Semiconductor ...
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com