Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPL0714T-681K Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPL0714T-681K
Description  LEADER TYPE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPL0714T-681K Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPL0714T-681K Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Inductance Inductance
Test
DC
Rated Current(A)
Ordering Code
(
µH)
TOL.(%)
Freq.
Resistance
IDC1
IDC2
(KHz)
(
Ω)
±20%
(A Max.)
(A Ref.)
7.8
± 1.0
3.85
± 0.5
12.7
± 0.3
4.0
± 0.3
5.0
+ 0.8/-0.3
¿
"%
0
±
• Inductance: Agilent 4284A LCR Meter (1KHz 1V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current): △L≤ 10% at rated current
• IDC2(The temperature rise): △T= 30˚C at rated current
TEST EQUIPMENTS
-20 ~ +85˚C (Including self-generated heat)
OPERATING TEMPERATURE RANGE
ELECTRICAL CHARACTERISTICS
LPL0714
□-100K
LPL0714
□-330K
LPL0714
□-470K
LPL0714
□-820K
LPL0714
□-101K
LPL0714
□-151K
LPL0714
□-271K
LPL0714
□-471K
LPL0714
□-681K
LPL0714
□-821K
10
33
47
82
100
150
270
470
680
820
0.038
0.090
0.150
0.230
0.290
0.450
0.750
1.370
2.000
2.500
4.50
2.00
1.80
1.50
1.30
1.10
0.80
0.65
0.55
0.50
4.23
2.17
1.73
1.32
1.14
1.01
0.72
0.54
0.46
0.42
1
± 10
LPL0714 SERIES
Leaded type
SHAPES & DIMENSIONS
(Dimensions in mm)
*□ Packing style -T: Taping -B: Bulk
28
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
LEAD TYPE
Ordering Code
Inductance Inductance Test Freq. DC Resistance
Rated
(
µH)
TOL.(%)
(KHz)
(Ω)Max
Current(A)
0
±
12.7
± 0.3
3.85
± 0.5
4.0
± 0.3
5.0+0.8/-0.3
4.8MAX
¿

• Inductance: Agilent 4284A LCR Meter (1KHz 1V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• Inductance drop = 10% typ. at rated current
LPL0411 SERIES
Leaded type
SHAPES & DIMENSIONS
(Dimensions in mm)
TEST EQUIPMENTS
-20 ~ +85˚C (Including self-generated heat)
OPERATING TEMPERATURE RANGE
ELECTRICAL CHARACTERISTICS
LPL0411
□-4R7M
LPL0411
□-100K
LPL0411
□-220K
LPL0411
□-221K
LPL0411
□-471K
LPL0411
□-681K
LPL0411
□-102K
4.7
10
22
220
470
680
1000
0.10
0.17
0.22
3.60
6.55
7.83
11.48
1.50
1.20
0.92
0.27
0.18
0.17
0.13
1
± 20
± 10
*□ Packing style -T: Taping -B: Bulk


Similar Part No. - LPL0714T-681K

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPL0411 ABCO-LPL0411 Datasheet
101Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPL0411T-100M ABCO-LPL0411T-100M Datasheet
101Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPL0411T-101K ABCO-LPL0411T-101K Datasheet
101Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPL0411T-150K ABCO-LPL0411T-150K Datasheet
101Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPL0411T-220K ABCO-LPL0411T-220K Datasheet
101Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPL0714T-681K

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPL0813 ABCO-LPL0813 Datasheet
491Kb / 1P
   LEADER TYPE
logo
Amphenol Corporation
10-503140-032 AMPHENOL-10-503140-032 Datasheet
13Mb / 437P
   The Interconnection Leader
logo
Grayhill, Inc
71A30-02-1-12N-C GRAYHILL-71A30-02-1-12N-C Datasheet
363Kb / 14P
   Performance and Value Leader
logo
Dialight Corporation
553-0711-110F DIALIGHT-553-0711-110F Datasheet
367Kb / 1P
   The Worldwide Leader in LED Technology.
logo
List of Unclassifed Man...
SDSDQ2-2048 ETC2-SDSDQ2-2048 Datasheet
1Mb / 2P
   From the world leader in flash memory cards
logo
Belden Inc.
CPLCRBC-BR BELDEN-CPLCRBC-BR Datasheet
2Mb / 36P
   The Industry Leader in True 360쨘 Compression Connectors & Tooling Systems
062014
logo
List of Unclassifed Man...
X8DT3 ETC1-X8DT3 Datasheet
7Mb / 99P
   Congratulations on purchasing your computer motherboard from an acknowledged leader in the industry
X8DA3 ETC1-X8DA3 Datasheet
1Mb / 91P
   Congratulations on purchasing your computer motherboard from an acknowledged leader in the industry
X8DTL-3 ETC1-X8DTL-3 Datasheet
7Mb / 97P
   Congratulations on purchasing your computer motherboard from an acknowledged leader in the industry
logo
Molex Electronics Ltd.
1301060180 MOLEX-1301060180 Datasheet
120Kb / 1P
   STRNGLGHT 103.5 ALL BLK (89) 323 SCKTS, 1 SPNGS 15 LEADER AND 6 TAIL
2014/01/28
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com