Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM25DZ-24 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # TM25DZ-24
Description  HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM25DZ-24 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  TM25DZ-24 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM25DZ-24 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM25DZ-24 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM25DZ-24 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb.1999
0
040
8
50
10
32
16
24
20
30
40
θ
360°
30°
60°
270°
DC
180°
120°
90°
130
50
60
70
80
90
100
110
120
040
20
10
30
35
15
525
θ=30° 60°
DC
270°
θ
360°
180°
120°
90°
RESISTIVE,
INDUCTIVE
LOAD
PER SINGLE
ELEMENT
RESISTIVE,
INDUCTIVE
LOAD
PER SINGLE
ELEMENT
MAXIMUM AVERAGE ON-STATE
POWER DISSIPATION
(RECTANGULAR WAVE)
LIMITING VALUE OF THE AVERAGE
ON-STATE CURRENT
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
AVERAGE ON-STATE CURRENT (A)
MITSUBISHI THYRISTOR MODULES
TM25DZ/CZ-24,-2H
HIGH VOLTAGE MEDIUM POWER GENERAL USE
INSULATED TYPE


Similar Part No. - TM25DZ-24

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM25DZ-H MITSUBISHI-TM25DZ-H Datasheet
74Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM25DZ-M MITSUBISHI-TM25DZ-M Datasheet
74Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
More results

Similar Description - TM25DZ-24

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM30TC-40 MITSUBISHI-RM30TC-40 Datasheet
48Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM15TC-40 MITSUBISHI-RM15TC-40 Datasheet
47Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM100D2Z-40 MITSUBISHI-RM100D2Z-40 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM30DZ-24 MITSUBISHI-RM30DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TA-24 MITSUBISHI-RM20TA-24 Datasheet
70Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TPM-24 MITSUBISHI-RM20TPM-24_02 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM100DZ-24 MITSUBISHI-RM100DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM50D2Z-40 MITSUBISHI-RM50D2Z-40 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
TM25RZ-24 MITSUBISHI-TM25RZ-24 Datasheet
59Kb / 4P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM60DZ-24 MITSUBISHI-RM60DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TPM-24 MITSUBISHI-RM20TPM-24 Datasheet
61Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com