Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73L-ITCT Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 73L-ITCT
Description  Thermocouple Input Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

73L-ITCT Datasheet(HTML) 2 Page - Grayhill, Inc

  73L-ITCT Datasheet HTML 1Page - Grayhill, Inc 73L-ITCT Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Type/Function
Grayhill Part Number
G5
73G-ITCJ
73G-ITCK
73G-ITCR
73G-ITCT
Specifications
Units
Number of Inputs
1 Ch.
1 Ch.
1 Ch.
1 Ch.
Resolution
bits
12
12
12
12
°C/count
0.18
0.25
0.23
0.10
Absolute Accuracy @ 25°C1, 2
° C
+/- 3.0
+/- 3.0
+/- 3.0
+/- 3.0
Accuracy Drift w/Temp.2
Maximum Offset
PPM/°C
+/- 100
+/- 100
+/- 100
+/- 100
Maximum Gain (0 to 60°C)
PPM/°C
+/- 55
+/- 55
+/- 55
+/- 55
Serial Data Format
12-bit packet
12-bit packet
12-bit packet
12-bit packet
Serial Data Packet
Step Response Time3
mS
2.5
2.5
2.5
2.5
Input Temperature Range
°C (°F)
0 to 700
-100 to 924
0 to 960
-200 to 224
(32-1292)
(-148-1695)
(32-1760)
(-328-435)
Maximum Overload
V
——
Logic Voltage Range
Vdc
4.5 to 5.5
4.5 to 5.5
4.5 to 5.5
4.5-5.5
Maximum Logic Supply
Current @ 5V dc
mA/Ch.
150
150
150
150
Module ID (Pin 9)
K
——
Isolation Voltage
Field to Logic
Vrms
2500
2500
2500
2500
Field to Power
Vrms
2500
2500
2500
2500
Module to Module
Vrms
2500
2500
2500
2500
Channel A to Channel B
Environmental Conditions
Operating Temperature3
° C
0 to 60
0 to 60
0 to 60
0-60
Storage Temperature
° C
-25 to 85
-25 to 85
-25 to 85
-25-85
SPECIFICATIONS: By Part Number
Type/Function
Grayhill Part Number
OpenLine®
73L-ITCJ
73L-ITCK
73L-ITCT
Specifications
Units
Number of Inputs
2 Ch.
2 Ch.
2 Ch.
Resolution
bits
12
12
12
°C/count
0.34
0.36
0.16
Absolute Accuracy @ 25°C1, 2
° C
+/- 1.0
+/- 1.0
+/- 0.4
Accuracy Drift w/Temp.2
Maximum Offset
PPM/°C
+/- 50
+/- 50
+/- 50
Maximum Gain (0 to 60°C)
PPM/°C
+/- 100
+/- 100
+/- 100
Serial Data Format
Right Justified,16-bit
Right Justified,16-bit
Right Justified,16-bit
Serial Data Packet
115.2 Kb, N, 8, 2
115.2 Kb, N, 8, 2
115.2 Kb, N, 8, 2
Step Response Time3
mS
100
100
100
Input Temperature Range
°C (°F)
-210 to 1200 (-346 to 2192)
-100 to 1372 (-148 to 2502)
-240 to 400 (-400 to 752)
Maximum Overload
V
+/- 6
+/- 6
+/- 6
Logic Voltage Range
Vdc
4.75 to 5.25
4.75 to 5.25
4.75 to 5.25
Maximum Logic Supply
Current @ 5V dc
mA/Ch.
38
38
38
Module ID (Pin 9)
K
5.23
5.23
5.23
Isolation Voltage
Field to Logic
Vrms
2500
2500
2500
Field to Power
Vrms
2500
2500
2500
Module to Module
Vrms
2500
2500
2500
Channel A to Channel B
None
None
None
Environmental Conditions
Operating Temperature3
° C
-40 to 85
-40 to 85
-40 to 85
Storage Temperature
° C
-55 to 100
-55 to 100
-55 to 100
1 Includes offset, gain, non-linearity and repeatability error terms.
2 Accuracy and drift graphs are available in Bulletin #753.
3 Time required for output to change within 1% of final reading.
Available from your local Grayhill Distributor.
For prices and discounts, contact a local
Distributor, a local Sales Office or Grayhill.
Thermocouple Input Modules
I/O
33


Similar Part No. - 73L-ITCT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
73L-ITCT GRAYHILL-73L-ITCT Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
More results

Similar Description - 73L-ITCT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
   Thermocouple Input Modules
DI-8B47 ETC1-DI-8B47 Datasheet
321Kb / 2P
   Linearized Thermocouple Input Modules
logo
Analog Devices
3B37 AD-3B37 Datasheet
346Kb / 8P
   Isolated, Thermocouple Input
REV. 0
5B37 AD-5B37 Datasheet
699Kb / 8P
   Isolated Thermocouple Input
REV. 0
3B37 AD-3B37_15 Datasheet
342Kb / 8P
   Isolated, Thermocouple Input
REV. 0
7B27 AD-7B27_15 Datasheet
539Kb / 8P
   Isolated Thermocouple Input
REV. 0
7B37 AD-7B37_15 Datasheet
538Kb / 8P
   Isolated, Thermocouple Input
REV. 0
7B37 AD-7B37 Datasheet
532Kb / 8P
   Isolated, Thermocouple Input
REV. 0
5B37 AD-5B37_15 Datasheet
700Kb / 8P
   Isolated Thermocouple Input
REV. 0
7B27 AD-7B27 Datasheet
538Kb / 8P
   Isolated Thermocouple Input
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com