Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0351-T158 Datasheet(PDF) 1 Page - Sumida Corporation

Part # 0351-T158
Description  General Power Transformer Type: LC Series>
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0351-T158 Datasheet(HTML) 1 Page - Sumida Corporation

  0351-T158 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer <Pin Type: LC Series>
Type: LC-128
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
“ S” is winding start
Product Description
・¢
13.0mm Max.(L×W), 8.5mm Max. Height.
In addition to the typical versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
Magnetically shielded construction.
Max. Operating frequency 500kHz,
Max. Operating Power 5.0W (500kHz), 3.6W(300kHz), 1.5W(100kHz)
Ideally used in Portable equipment, Drive for fluorescent display tube.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
Specification
Sample No.
Inductance (7-9)
1kHz/1V
D.C.R.
(1-2)
D.C.R.
(3-4)
D.C.R.
(5-6)
0351 -T158
2.3mH±30%
1.18Ω Max.
273 mΩ Max
124 mΩ Max
MAX.8.5
2.5
-0.5
+1.0
36 ゜
φ10.0±0.3
φ12.5±0.5
④⑤
S
S
S
S
S


Similar Part No. - 0351-T158

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0351 MOLEX3-0351 Datasheet
233Kb / 3P
   2.54mm (.100") Pitch C-Grid짰
logo
Heyco.
0351 HEYCO-0351 Datasheet
73Kb / 1P
   Nylon Push-In and Thick Panel Push-In Fasteners
logo
Molex Electronics Ltd.
0351009002 MOLEX4-0351009002 Datasheet
74Kb / 2P
   Crimp Terminal 35100, Reel, Tin (Sn) Brass Tin (Sn)
0351091610 MOLEX4-0351091610 Datasheet
85Kb / 2P
   1.78mm (.070") Tab Wire-to-Board Female Housing, 5.00mm (.197") Pitch, 16Circuits
0351092010 MOLEX4-0351092010 Datasheet
85Kb / 2P
   1.78mm (.070") Tab Wire-to-Board Female Housing, 5.00mm (.197") Pitch, 20 Circuits
More results

Similar Description - 0351-T158

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
LC-15 SUMIDA-LC-15_1 Datasheet
123Kb / 1P
   General Power Transformer
LC128B SUMIDA-LC128B_1 Datasheet
99Kb / 1P
   General Power Transformer
LC104B SUMIDA-LC104B Datasheet
118Kb / 1P
   General Power Transformer
LC104 SUMIDA-LC104 Datasheet
115Kb / 1P
   General Power Transformer
LC-12 SUMIDA-LC-12 Datasheet
92Kb / 1P
   General Power Transformer
EI-22 SUMIDA-EI-22_06 Datasheet
129Kb / 1P
   General Power Transformer < Pin Type: EI Series>
EER-137 SUMIDA-EER-137 Datasheet
116Kb / 1P
   General Power Transformer
EI4036 SUMIDA-EI4036 Datasheet
66Kb / 1P
   General Power Transformer
EI-25S SUMIDA-EI-25S Datasheet
130Kb / 1P
   General Power Transformer
EI-30 SUMIDA-EI-30_06 Datasheet
130Kb / 1P
   General Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com