Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF1290NP-222 Datasheet(PDF) 1 Page - Sumida Corporation

Part # LF1290NP-222
Description  AC COMMON MODE COIL Type: LF Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LF1290NP-222 Datasheet(HTML) 1 Page - Sumida Corporation

  LF1290NP-222 Datasheet HTML 1Page - Sumida Corporation LF1290NP-222 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC COMMON MODE COIL <Pin Type: LF Series>
Type: LF1290
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
9.0±0.5
16.0±1.0
14.0±0.5
3.5±1.0
接着 剤
Product Description
17.0×13.0mm Max.(L×W), 9.5mm Max. Height.
Inductance range: 0.47mH~10mH
Rated current range: 0.2~1.10A
In addition to the standard versions of parameters shown here,
custom design are available to meet your exact requirements.
Feature
Small size and large inductance type.
Exellent attenuation characteristics in low frequency.
Ideally used in noise prevention for TV,VCR,AV,OA equipment.
RoHS Compliance
Dimensions (mm)
Dimension does not include solder used on coil.
Terminal pitch is measured at the base.(not from tip of the pin)
Schematics (Bottom)
Winding start is #1,#4 or #2,#3.
#1&#4, #2&#3:should be same polarity.
Adhesive


Similar Part No. - LF1290NP-222

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
LF1290 SUMIDA-LF1290 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
LF1290-102 SUMIDA-LF1290-102 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
LF1290-103 SUMIDA-LF1290-103 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
LF1290-222 SUMIDA-LF1290-222 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
LF1290-392 SUMIDA-LF1290-392 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
More results

Similar Description - LF1290NP-222

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
LF2420 SUMIDA-LF2420 Datasheet
141Kb / 1P
   AC COMMON MODE COIL
LF2020 SUMIDA-LF2020 Datasheet
144Kb / 1P
   AC COMMON MODE COIL
LF2823 SUMIDA-LF2823 Datasheet
122Kb / 1P
   AC COMMON MODE COIL
LF2115 SUMIDA-LF2115 Datasheet
123Kb / 1P
   AC COMMON MODE COIL
PFC2831C SUMIDA-PFC2831C_13 Datasheet
203Kb / 2P
   AC COMMON MODE COIL
PFN3218 SUMIDA-PFN3218 Datasheet
164Kb / 1P
   COMMON MODE CHOKE COIL < Pin Type: PFN Series >
UU9LFB SUMIDA-UU9LFB_06 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU10LF SUMIDA-UU10LF_06 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU9LF SUMIDA-UU9LF_06 Datasheet
130Kb / 2P
   AC COMMON MODE COIL
PFC2225B SUMIDA-PFC2225B Datasheet
148Kb / 2P
   AC COMMON MODE COIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com