Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XU1009-BD-EV1 Datasheet(PDF) 6 Page - Mimix Broadband

Part # XU1009-BD-EV1
Description  18.0-36.0 GHz GaAs MMIC Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1009-BD-EV1 Datasheet(HTML) 6 Page - Mimix Broadband

  XU1009-BD-EV1 Datasheet HTML 1Page - Mimix Broadband XU1009-BD-EV1 Datasheet HTML 2Page - Mimix Broadband XU1009-BD-EV1 Datasheet HTML 3Page - Mimix Broadband XU1009-BD-EV1 Datasheet HTML 4Page - Mimix Broadband XU1009-BD-EV1 Datasheet HTML 5Page - Mimix Broadband XU1009-BD-EV1 Datasheet HTML 6Page - Mimix Broadband XU1009-BD-EV1 Datasheet HTML 7Page - Mimix Broadband XU1009-BD-EV1 Datasheet HTML 8Page - Mimix Broadband XU1009-BD-EV1 Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
18.0-36.0 GHz GaAs MMIC
Transmitter
Page 6 of 9
MTTF
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
App Note [1] Biasing - As shown in the bonding diagram, this device is operated by separately biasing Vd(1,2,3)=5.0V,
Vss=-5.0V, Id1=230mA, Id2=140mA, Id3=75mA and Iss=50mA. Additionally, a mixer and doubler bias are also required
with Vg3=Vg4=-0.5V. Adjusting Vg3 and Vg4 above or below this value can adversely affect conversion gain, LO/RF
isolation and intercept point performance. Gain control can be adjusted by varying Vg1 from 0.0 to -1.2 V with 0.0 V
providing minimum attenuation and -1.2 V providing maximum attenuation. It is also recommended to use active
biasing to keep the currents constant as the RF power and temperature vary; this gives the most reproducible results.
Depending on the supply voltage available and the power dissipation constraints, the bias circuit may be a single
transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense the
current. The gate of the pHEMT is controlled to maintain correct drain current and thus drain voltage. The typical gate
voltage needed to do this is -0.2V. Typically the gate is protected with Silicon diodes to limit the applied voltage. Also,
make sure to sequence the applied voltage to ensure negative gate bias is available before applying the positive drain
supply.
App Note [2] Bias Arrangement -
For Parallel Stage Bias (Recommended for general applications) -- The same as Individual Stage Bias but all the drain or
gate pad DC bypass capacitors (~100-200 pF) can be combined. Additional DC bypass capacitance (~0.01 uF) is also
recommended to all DC or combination (if gate or drains are tied together) of DC bias pads.
For Individual Stage Bias -- Each DC pad (Vd1,2,3, Vss, and Vg1,2,3,4) needs to have DC bypass capacitance (~100-200 pF)
as close to the device as possible. Additional DC bypass capacitance (~0.01 uF) is also recommended.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
U1009-BD
July 2007 - Rev 27-Jul-07
XU1009-BD MTTF (hours) vs. Backplate Temp (degC)
Nominal Datasheet Bias Conditions
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
1.0E+10
20
30
40
50
60
70
80
90
100
110
120
130
Backplate Temp (C)


Similar Part No. - XU1009-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1009-BD-EV1 MIMIX-XU1009-BD-EV1 Datasheet
281Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
More results

Similar Description - XU1009-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1009-BD MIMIX-XU1009-BD Datasheet
281Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
26TX0555 MIMIX-26TX0555 Datasheet
292Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
logo
M/A-COM Technology Solu...
XU1009-BD MA-COM-XU1009-BD Datasheet
277Kb / 9P
   18.0-36.0 GHz GaAs MMIC
logo
Mimix Broadband
XX1001-BD MIMIX-XX1001-BD_08 Datasheet
275Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC
XU1007-BD MIMIX-XU1007-BD Datasheet
207Kb / 7P
   27.0-36.0 GHz GaAs MMIC Transmitter
27TRX0357 MIMIX-27TRX0357 Datasheet
351Kb / 7P
   27.0-36.0 GHz GaAs MMIC Transmitter
XU1005-BD MIMIX-XU1005-BD Datasheet
363Kb / 8P
   10.0-18.0 GHz GaAs MMIC Transmitter
XU1002-BD MIMIX-XU1002-BD Datasheet
236Kb / 8P
   18.0-25.0 GHz GaAs MMIC Transmitter
14TX0614 MIMIX-14TX0614 Datasheet
174Kb / 8P
   10.0-18.0 GHz GaAs MMIC Transmitter
XU1002 MIMIX-XU1002 Datasheet
375Kb / 8P
   18.0-25.0 GHz GaAs MMIC Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com