Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM200GZ-H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # TM200GZ-H
Description  HIGH POWER GENERAL USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM200GZ-H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  TM200GZ-H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM200GZ-H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM200GZ-H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM200GZ-H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
MITSUBISHI THYRISTOR MODULES
TM200RZ/EZ/GZ-M,-H,-24,-2H
HIGH POWER GENERAL USE
INSULATED TYPE
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
APPLICATION
DC motor control, NC equipment, AC motor control, contactless switches,
electric furnace temperature control, light dimmers
TM200RZ/EZ/GZ-M,-H,24,-2H
• IT (AV)
Average on-state current .......... 200A
• IF (AV)
Average forward current .......... 200A
• VRRM
Repetitive peak reverse voltage
.......... 400/800/1200/1600V
• VDRM
Repetitive peak off-state voltage
.......... 400/800/1200/1600V
• MIX DOUBLE ARMS
• Insulated Type
• UL Recognized
Yellow Card No. E80276 (N)
File No. E80271
3–
φ6.5
3–M8
A1
K1
A2
K2
K1
G1
18
16
18
16
32
30
68.5
30
68.5
150
Tab#110, t=0.5
A1
CR
K1
K2
SR
A2
K1
G1
(RZ)
(EZ)
(GZ)
A1
CR
K1 K2
SR
A2
K1
G1
A1
CR
K1 K2
SR
A2
K1
G1
LABEL
(RZ Type)
(RZ Type)
(Bold line is connective bar.)


Similar Part No. - TM200GZ-H

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TM200 TRUMPOWER-TM200 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
logo
Extech Instruments Corp...
TM200 EXTECH-TM200 Datasheet
99Kb / 7P
   Type K Dual Input Thermometer
logo
Tumbler Technologies + ...
TM200-D23 TRUMPOWER-TM200-D23 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
TM200-D24 TRUMPOWER-TM200-D24 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
TM200-D25 TRUMPOWER-TM200-D25 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - TM200GZ-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM90DZ-M MITSUBISHI-TM90DZ-M Datasheet
63Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM400DZ-M MITSUBISHI-TM400DZ-M Datasheet
61Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ MITSUBISHI-RM150DZ Datasheet
55Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM100DZ-M MITSUBISHI-RM100DZ-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ-M MITSUBISHI-RM500DZ-M Datasheet
51Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ MITSUBISHI-RM500DZ Datasheet
49Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ-H MITSUBISHI-RM150DZ-H Datasheet
48Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM90RZ-M MITSUBISHI-TM90RZ-M Datasheet
67Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM130DZ-M MITSUBISHI-TM130DZ-M Datasheet
66Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500HA-M MITSUBISHI-RM500HA-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com