Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4069UB Datasheet(PDF) 1 Page - STMicroelectronics

Part # 4069UB
Description  HEX INVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4069UB Datasheet(HTML) 1 Page - STMicroelectronics

  4069UB Datasheet HTML 1Page - STMicroelectronics 4069UB Datasheet HTML 2Page - STMicroelectronics 4069UB Datasheet HTML 3Page - STMicroelectronics 4069UB Datasheet HTML 4Page - STMicroelectronics 4069UB Datasheet HTML 5Page - STMicroelectronics 4069UB Datasheet HTML 6Page - STMicroelectronics 4069UB Datasheet HTML 7Page - STMicroelectronics 4069UB Datasheet HTML 8Page - STMicroelectronics 4069UB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCC/HCF4069UB
June 1989
HEX INVERTER
DESCRIPTION
.
MEDIUM-SPEED OPERATION
–tPHL,tPLH = 30ns (typ.) AT 10V
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND
25
°C FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
The HCC4069UB (extended temperature range)
and HCF4069UB (intermediate temperature range)
are monolithic integrated circuit, available in 14-lead
dual in-line plastic or ceramic package and plastic
micro package.
The HCC/HCF4069UB consists of six COS/MOS in-
verter circuits. This device is intended for all general-
purpose
inverter
applications
where
the
medium-power TTL-drive and logic-level-conver-
sion capabilities of circuits such as HCC/HCF4049B
Hex Inverter/Buffers are not required.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4069UBF
HCF4069UBM1
HCF4069UBEY
HCF4069UBC1
PIN CONNECTIONS
1/12


Similar Part No. - 4069UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
4069UB ONSEMI-4069UB Datasheet
171Kb / 8P
   Hex Inverter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
4069UB PHILIPS-4069UB Datasheet
116Kb / 7P
   Hex inverter
January 1995
logo
Texas Instruments
4069UB TI-4069UB Datasheet
229Kb / 4P
[Old version datasheet]   CMOS HEX IVVERTER
logo
Rohm
4069UB ROHM-4069UB Datasheet
48Kb / 4P
   Hex inverter
logo
Fairchild Semiconductor
4069UB FAIRCHILD-4069UB Datasheet
78Kb / 6P
   Inverter Circuits
More results

Similar Description - 4069UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com