Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDQ0303-QS Datasheet(PDF) 1 Page - Mimix Broadband

Part # CDQ0303-QS
Description  500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CDQ0303-QS Datasheet(HTML) 1 Page - Mimix Broadband

  CDQ0303-QS_07 Datasheet HTML 1Page - Mimix Broadband CDQ0303-QS_07 Datasheet HTML 2Page - Mimix Broadband CDQ0303-QS_07 Datasheet HTML 3Page - Mimix Broadband CDQ0303-QS_07 Datasheet HTML 4Page - Mimix Broadband CDQ0303-QS_07 Datasheet HTML 5Page - Mimix Broadband CDQ0303-QS_07 Datasheet HTML 6Page - Mimix Broadband CDQ0303-QS_07 Datasheet HTML 7Page - Mimix Broadband CDQ0303-QS_07 Datasheet HTML 8Page - Mimix Broadband CDQ0303-QS_07 Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
500-6000 MHz
Dual, Ultra Low Noise, High IP3 Amplifier
Page 1 of 14
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
October 2007 - Rev 22-Oct-07
CDQ0303-QS
Features
Applications
Typical Specifications (50 System)
Description
Matched Pair of Transistors for Optimum
Balanced Amplifier Design
AlGaAs/InGaAs/AlGaAs Pseudomorphic High
Electron Mobility Transistor (pHEMT)
High Gain:
25 dB @ 900 MHz
21 dB @ 1900 MHz
Low Noise Figure:
0.6 dB @ 900 MHz
0.7 dB @ 1900 MHz
17 dBm P1dB at 2 GHz
33 dBm OIP3 at 2 GHz
600µm Gate Width: 50
Output Impedance
Excellent Uniformity
Ultra Compact Surface-Mount QFN Package
10 Year MTBF Lifetime
RoHS-Compliant Construction
Low Noise Amplifiers and Oscillators Operating
over the RF and Microwave Frequency Ranges
Cellular/PCS/GSM/W-CDMA
Mobile Handsets, Base Station Receivers and
Tower-Mount Amplifiers
WiMAX WLAN, LEO, GEO, WLL/RLL, GPS and
MMDS Applications
General Purpose Discrete pHEMT for Other Ultra
Low-Noise and Medium Power Applications
Parameter
900 MHz
1900 MHz 2400 MHz
Units
S21 Gain
23.5
20.0
16.0
dB
S11 Input Return Loss
-3.0
-4.0
-3.0
dB
S22 Output Return Loss
-3.5
-4.5
-7.0
dB
Output IP3
31.8
32.5
32.7
dBm
Output P1 dB
16.5
16.0
16.0
dBm
Noise FIgure
0.55
0.72
0.89
dB
Operating Current Range
50
50
50
mA
Supply Voltage
3.0
3.0
3.0
V
Note:Typical specifications represents performance for each side of
the matched pair of transistors in the recommended application circuit
board (see page 15). It is anticipated that the pair will be used in a bal-
anced circuit configuration, hence the matches are optimized for best
noise figure and OIP3 performance.
The CDQ0303-QS is a dual, ultra low-noise amplifi-
er combining high gain, state-of-the-art noise figure and high
IP3. Utilizing Mimix's distinctive in-house GaAs fabrica-
tion advantage and matched pair technology, co-located
matched transistor die are assembled in the 4mm x 4mm
QFN package. The low-cost, surface-mount, 16 terminal,
plastic package is also lead-free.
Packaging a matched pair of ultra low-noise devices
in a single package makes the CDQ0303-QS an ideal product
for balanced amplifier implementation. It is intended for
many applications operating in the 900 MHz to 2400 MHz
frequency range. It can also be used in a dual-band configu-
ration where a single transistor is used for each band.
Mimix's high performance packaged pHEMTs are
ideal for use in all applications where low-noise figure, high
gain, medium power and good intercept is required. The
CDQ0303-QS is the perfect solution for the first or second
stage of a base station LNA due to the excellent combination
of low-noise figure and linearity. It is also well suited as a
medium power driver stage in pole-top amplifiers and other
transmit functions, particularly as the low thermal resistance
allows extended power dissipation when voltage and current
are adjusted for increased power and linearity.


Similar Part No. - CDQ0303-QS_07

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CDQ0303-QS-0G00 MIMIX-CDQ0303-QS-0G00 Datasheet
663Kb / 14P
   500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier
CDQ0303-QS-0G0T MIMIX-CDQ0303-QS-0G0T Datasheet
663Kb / 14P
   500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier
More results

Similar Description - CDQ0303-QS_07

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CDQ0303-QS MIMIX-CDQ0303-QS Datasheet
663Kb / 14P
   500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier
logo
Analog Devices
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
   HIGH IP3, LOW NOISE AMPLIFIER
logo
Skyworks Solutions Inc.
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
   200 to 6000 MHz Broadband Low-Noise Amplifier
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
   400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
   400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
logo
AVAGO TECHNOLOGIES LIMI...
MGA-621P8 AVAGO-MGA-621P8 Datasheet
3Mb / 18P
   450 MHz??500 MHz Low Noise Amplifier
logo
Broadcom Corporation.
MGA-621P8 BOARDCOM-MGA-621P8 Datasheet
3Mb / 18P
   450 MHz??500 MHz Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
TEMEX
SRW150 TEMEX-SRW150 Datasheet
323Kb / 6P
   Ultra Low Noise 500 MHz SAW Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com