Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDQ6004-QS Datasheet(PDF) 9 Page - Mimix Broadband

Part # CDQ6004-QS
Description  0.05-4.0 GHz Dual High Dynamic Range Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CDQ6004-QS Datasheet(HTML) 9 Page - Mimix Broadband

Back Button CDQ6004-QS Datasheet HTML 2Page - Mimix Broadband CDQ6004-QS Datasheet HTML 3Page - Mimix Broadband CDQ6004-QS Datasheet HTML 4Page - Mimix Broadband CDQ6004-QS Datasheet HTML 5Page - Mimix Broadband CDQ6004-QS Datasheet HTML 6Page - Mimix Broadband CDQ6004-QS Datasheet HTML 7Page - Mimix Broadband CDQ6004-QS Datasheet HTML 8Page - Mimix Broadband CDQ6004-QS Datasheet HTML 9Page - Mimix Broadband CDQ6004-QS Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Page 9 of 10
Functional Block Diagram
Pin Out Detail
Physical Dimensions
CDQ6004-QS
5
8
16
13
1,2,3,4
9,10,11,12
6,7,14,15
IN 1
IN 2
OUT 1
OUT 2
VS 1
VS 2
GND
Amplifier 1 RF Input
Amplifier 2 RF Input
Amplifier 1 RF Output
Amplifier 2 RF Output
Amplifier 1 Source Connection
Amplifier 2 Source Connection
Main Heat-Sinking Connection
Pin
Function Description
0.05-4.0 GHz
Dual High Dynamic Range Amplifier
0.65
1.00
A2
0
E
E2
L
D2
e
K
b
D
0.35
0.20
2.50
0.25
4.00 BSC
0.40
0.45
2.65
2.80
0.65
--
0.30
0.35
4.00 BSC
NOM
0.20 REF
MIN
A3
0.80
A
MAX
0.90
1.00
2.50
2.65
2.80
DIE
D
b
D2
K
WAFER LOT NUMBER
DATE CODE (YEAR/WEEK)
COUNTRY OF ORIGIN
(IF OTHER THAN USA)
100% MATTE TIN
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 11-Aug-07


Similar Part No. - CDQ6004-QS

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CDQ6004-QS MIMIX-CDQ6004-QS Datasheet
549Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
CDQ6004-QS-0G00 MIMIX-CDQ6004-QS-0G00 Datasheet
549Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
CDQ6004-QS-0G0T MIMIX-CDQ6004-QS-0G0T Datasheet
549Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
More results

Similar Description - CDQ6004-QS

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CDQ6004-QS MIMIX-CDQ6004-QS Datasheet
549Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
XG1001-SA MIMIX-XG1001-SA Datasheet
666Kb / 6P
   100.05-4.0 GHz Dual High Dynamic Range Amplifier
CMM6001-SC MIMIX-CMM6001-SC_07 Datasheet
112Kb / 5P
   0.05-3.0 GHz High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH11 WJCI-AH11 Datasheet
317Kb / 6P
   High Dynamic Range Dual Amplifier
logo
TriQuint Semiconductor
AH11-G TRIQUINT-AH11-G_15 Datasheet
563Kb / 7P
   High Dynamic Range Dual Amplifier
logo
Mimix Broadband
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
logo
Analog Devices
ADL5566 AD-ADL5566 Datasheet
885Kb / 24P
   4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
logo
Mimix Broadband
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
   0.25-3.0 GHz High Dynamic Range Amplifier
CMM6004-AH MIMIX-CMM6004-AH Datasheet
247Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC_07 Datasheet
273Kb / 10P
   0.3-3.0 GHz High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com