Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-H483B4C Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AL-H483B4C
Description  4.8 mm LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-H483B4C Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AL-H483B4C Datasheet HTML 1Page - A-BRIGHT Inc AL-H483B4C Datasheet HTML 2Page - A-BRIGHT Inc AL-H483B4C Datasheet HTML 3Page - A-BRIGHT Inc AL-H483B4C Datasheet HTML 4Page - A-BRIGHT Inc AL-H483B4C Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-H483B4C
Diff No.
4.8 mm
Type : LED Lamps
2006/9/20
3
Reliability test items and conditions︰
NO
Item
Test Conditions
Test
Hours/Cycle
Sample
Size
Ac/Re
1
Solder Heat
TEMP︰260 ±5
℃℃
5SEC
76PCS
0/1
2
Temperature Cycle
H︰+85℃ 30min
∫ 5min
L︰-55℃ 30min
50CYCLES
76PCS
0/1
3
Thermal Shock
H︰+100℃ 5min
∫ 10sec
L︰-10℃ 5min
50CYCLES
76PCS
0/1
4
High Temperature
Storage
TEMP︰100℃
1000HRS
76PCS
0/1
5
Low Temperature
Storage
TEMP︰-55℃
1000HRS
76PCS
0/1
6
DC Operating Life
TEMP︰25℃
IF=20mA
1000HRS
76PCS
0/1
7
High Temperature /
High Humidity
85℃ / 85%RH
1000HRS
76PCS
0/1


Similar Part No. - AL-H483B4C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-H483OR6C A-BRIGHT-AL-H483OR6C Datasheet
324Kb / 5P
   4.8 mm LED Lamps
2006/9/20
AL-H483SW3C A-BRIGHT-AL-H483SW3C Datasheet
227Kb / 4P
   4.8 mm LED Lamps
2006/9/20
AL-H483UG1C A-BRIGHT-AL-H483UG1C Datasheet
324Kb / 5P
   4.8 mm LED Lamps
2006/9/20
AL-H483UOC A-BRIGHT-AL-H483UOC Datasheet
324Kb / 5P
   4.8 mm LED Lamps
2006/9/20
AL-H483UY6C A-BRIGHT-AL-H483UY6C Datasheet
324Kb / 5P
   4.8 mm LED Lamps
2006/9/20
More results

Similar Description - AL-H483B4C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-H483OR6C A-BRIGHT-AL-H483OR6C Datasheet
324Kb / 5P
   4.8 mm LED Lamps
2006/9/20
AL-H483W3C A-BRIGHT-AL-H483W3C Datasheet
324Kb / 5P
   4.8 mm LED Lamps
2006/9/20
AL-H483SW3C A-BRIGHT-AL-H483SW3C Datasheet
227Kb / 4P
   4.8 mm LED Lamps
2006/9/20
AL-H483UG1C A-BRIGHT-AL-H483UG1C Datasheet
324Kb / 5P
   4.8 mm LED Lamps
2006/9/20
AL-H483UOC A-BRIGHT-AL-H483UOC Datasheet
324Kb / 5P
   4.8 mm LED Lamps
2006/9/20
AL-H483UY6C A-BRIGHT-AL-H483UY6C Datasheet
324Kb / 5P
   4.8 mm LED Lamps
2006/9/20
logo
Panasonic Semiconductor
LNG4B4NPY PANASONIC-LNG4B4NPY Datasheet
29Kb / 1P
   4.8 mm GaAsP
LN21RCPSS PANASONIC-LN21RCPSS Datasheet
30Kb / 1P
   4.8 mm Series
logo
Broadcom Corporation.
HL3P-NX45 BOARDCOM-HL3P-NX45 Datasheet
921Kb / 10P
   3-mm LED Lamps
September 15, 2017
logo
TriQuint Semiconductor
TGF4250 TRIQUINT-TGF4250 Datasheet
179Kb / 7P
   4.8 mm Discrete HFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com