Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-HG433 Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AL-HG433
Description  1206 Package Bluish Green SMD Chip LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-HG433 Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AL-HG433 Datasheet HTML 1Page - A-BRIGHT Inc AL-HG433 Datasheet HTML 2Page - A-BRIGHT Inc AL-HG433 Datasheet HTML 3Page - A-BRIGHT Inc AL-HG433 Datasheet HTML 4Page - A-BRIGHT Inc AL-HG433 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2006/10/11
Refer to reliability test standard specification for in this line.
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT CHIP LED LAMPS
Part Number: AL-HG433
Test items and results of reliability


Similar Part No. - AL-HG433

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HG433A A-BRIGHT-AL-HG433A Datasheet
341Kb / 5P
   1206 Package Bluish Green SMD Chip LED Lamps
2006/10/11
More results

Similar Description - AL-HG433

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HG433A A-BRIGHT-AL-HG433A Datasheet
341Kb / 5P
   1206 Package Bluish Green SMD Chip LED Lamps
2006/10/11
AL-HG633A A-BRIGHT-AL-HG633A Datasheet
341Kb / 5P
   1206 Package Green SMD Chip LED Lamps
2006/10/11
AL-HG633 A-BRIGHT-AL-HG633 Datasheet
339Kb / 5P
   1206 Package Green SMD Chip LED Lamps
2006/10/11
AL-HG435A A-BRIGHT-AL-HG435A Datasheet
344Kb / 5P
   0805 Package Bluish Green SMD Chip LED Lamps (1.0mm Height)
2006/10/11
AL-HG436A A-BRIGHT-AL-HG436A Datasheet
338Kb / 5P
   0603 Package Bluish Green SMD Chip LED Lamps (0.6mm Height)
2006/10/11
AL-HG436D A-BRIGHT-AL-HG436D Datasheet
339Kb / 5P
   0603 Package Bluish Green SMD Chip LED Lamps (0.8mm Height)
2006/10/11
AL-HB433 A-BRIGHT-AL-HB433_09 Datasheet
207Kb / 5P
   1206 Package Blue SMD Chip LED Lamps
AL-HKB33 A-BRIGHT-AL-HKB33_09 Datasheet
207Kb / 5P
   1206 Package Yellow SMD Chip LED Lamps
AL-HUB33 A-BRIGHT-AL-HUB33_09 Datasheet
218Kb / 5P
   1206 Package Red SMD Chip LED Lamps
AL-HW433 A-BRIGHT-AL-HW433_09 Datasheet
207Kb / 5P
   1206 Package White SMD Chip LED Lamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com