Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB-CGB7001-SP-0000 Datasheet(PDF) 3 Page - Mimix Broadband

Part # PB-CGB7001-SP-0000
Description  DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CGB7001-SP-0000 Datasheet(HTML) 3 Page - Mimix Broadband

  PB-CGB7001-SP-0000 Datasheet HTML 1Page - Mimix Broadband PB-CGB7001-SP-0000 Datasheet HTML 2Page - Mimix Broadband PB-CGB7001-SP-0000 Datasheet HTML 3Page - Mimix Broadband PB-CGB7001-SP-0000 Datasheet HTML 4Page - Mimix Broadband PB-CGB7001-SP-0000 Datasheet HTML 5Page - Mimix Broadband PB-CGB7001-SP-0000 Datasheet HTML 6Page - Mimix Broadband PB-CGB7001-SP-0000 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Linearity Performance - Base Station ACP – IS-95
Page 3 of 7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Typical Power and Linearity Performance
CGB7001-SP
March 2007 - Rev 20-Mar-07
P1dB Vs Frequency
4
6
8
10
12
14
16
0123
456
Frequency (GHz)
25 C
-40 C
85 C
OIP3 Vs Frequency
20
22
24
26
28
30
00.5
11.5
22.5
33.5
4
Frequency (GHz)
25 C
-40 C
85 C
1 MHz separation, 3 dBm/tone
ACP @ 850 MHz Vs Pout
9 Channels Forward, 750 kHz Offset
30 kHz BW
-60
-55
-50
-45
-40
-35
-30
-2
0
2
4
6
8
10
12
Pout (dBm)
25 C
-40 C
85 C
Alt1 Ch. Pwr @ 850 MHz Vs Pout
9 Channels Forward, 1.98 MHz Offset
30 kHz BW
-90
-85
-80
-75
-70
-65
-60
-55
-2
0
2
4
6
8
10
12
Pout (dBm)
25 C
-40 C
85 C
ACP @ 1950 MHz Vs. Pout
9 Forward Channels, 885 kHz Offset
30 kHz BW
-75
-70
-65
-60
-55
-50
-45
-40
-35
-2
0
2468
10
12
Pout (dBm)
25 C
-40 C
85 C
Alt1 Ch. Pwr @ 1950 MHz Vs Pout
9 Channels Forward, 1.25 MHz Offset
12.5 kHz BW
-80
-70
-60
-50
-40
-2
0
2
4
6
8
10
12
Pout (dBm)
25 C
-40 C
85 C
DC-6.0 GHz InGaP HBT Packaged
Matched Gain Block Amplifier


Similar Part No. - PB-CGB7001-SP-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CGB7001-SP-0000 MIMIX-PB-CGB7001-SP-0000 Datasheet
851Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
PB-CGB7001-SP-0000 MIMIX-PB-CGB7001-SP-0000 Datasheet
750Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results

Similar Description - PB-CGB7001-SP-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7008-SC MIMIX-CGB7008-SC_07 Datasheet
521Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7010-SC MIMIX-CGB7010-SC_07 Datasheet
522Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged, Matched Gain Block Amplifier
CGB7001-SC MIMIX-CGB7001-SC_07 Datasheet
737Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7009-SC MIMIX-CGB7009-SC_07 Datasheet
465Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7003-SC MIMIX-CGB7003-SC_07 Datasheet
494Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7007-SC MIMIX-CGB7007-SC_07 Datasheet
475Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7006-SC MIMIX-CGB7006-SC_07 Datasheet
468Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7012-SC MIMIX-CGB7012-SC_07 Datasheet
532Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7015-SC MIMIX-CGB7015-SC_07 Datasheet
207Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7011-SC MIMIX-CGB7011-SC_07 Datasheet
525Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com