Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC4514B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4514B
Description  4-BIT LATCH/4-TO-16 LINE DECODER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4514B Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4514B Datasheet HTML 1Page - STMicroelectronics HCC4514B Datasheet HTML 2Page - STMicroelectronics HCC4514B Datasheet HTML 3Page - STMicroelectronics HCC4514B Datasheet HTML 4Page - STMicroelectronics HCC4514B Datasheet HTML 5Page - STMicroelectronics HCC4514B Datasheet HTML 6Page - STMicroelectronics HCC4514B Datasheet HTML 7Page - STMicroelectronics HCC4514B Datasheet HTML 8Page - STMicroelectronics HCC4514B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HCC/HCF4514B
HCC/HCF4515B
4-BIT LATCH/4-TO-16 LINE DECODER
DESCRIPTION
June 1989
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
ORDER CODES :
HCC45XXBF
HCF45XXBEY
HCF45XXBM1
PIN CONNECTIONS
HCC/HCF4514B OUTPUT ”HIGH” ON SELECT
HCC/HCF4515B OUTPUT ”LOW” ON SELECT
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
STROBED INPUT LATCH
.
INHIBIT CONTROL
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
0. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
The HCC 4514B/HCC4515B (extended temperature
range) and the HCF 4514B/HCF4515B (intermediate
temperature range) are monolithic integrated circuits
available in 24-lead dual in-line plastic or ceramic
package
and
plastic
micro
package.
The
HCC/HCF4514B/4515B consisting of a 4-bit strobed
latch and a 4 to 16 line decoder. The latches hold the
last input data presented prior to the strobe transition
from 1 to 0. Inhibit control allows all outputs to be
placed at 0 (HCC/HCF4514B)or 1 (HCC/HCF4515B)
regardless of the state ofthe data or strobe inputs. The
decode truth table indicates all combinations of data
inputs and appropriate selected outputs.
1/11


Similar Part No. - HCC4514B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
141Kb / 13P
   RadHardened high voltage complementary MOS logic series
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4514BD STMICROELECTRONICS-HCC4514BD Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
HCC4514BDG STMICROELECTRONICS-HCC4514BDG Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4514BDT STMICROELECTRONICS-HCC4514BDT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
More results

Similar Description - HCC4514B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
   4-bit Latch/4-to-16-line Decoder
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
   4-bit Latch/4-to-16-line Decoder
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B_13 Datasheet
130Kb / 8P
   4-Bit Transparent Latch / 4-to-16 Line Decoder
May, 2013 ??Rev. 9
MC14514B ONSEMI-MC14514B Datasheet
202Kb / 12P
   4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
logo
STMicroelectronics
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
   4 TO 16 LINE DECODER/LATCH
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
   4-to-16 Line Decoder/Latch
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
   4-TO-16 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC4515 STMICROELECTRONICS-M74HC4515 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com