Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGB7006-SC Datasheet(PDF) 4 Page - Mimix Broadband

Part # CGB7006-SC
Description  DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7006-SC Datasheet(HTML) 4 Page - Mimix Broadband

  CGB7006-SC_07 Datasheet HTML 1Page - Mimix Broadband CGB7006-SC_07 Datasheet HTML 2Page - Mimix Broadband CGB7006-SC_07 Datasheet HTML 3Page - Mimix Broadband CGB7006-SC_07 Datasheet HTML 4Page - Mimix Broadband CGB7006-SC_07 Datasheet HTML 5Page - Mimix Broadband CGB7006-SC_07 Datasheet HTML 6Page - Mimix Broadband CGB7006-SC_07 Datasheet HTML 7Page - Mimix Broadband CGB7006-SC_07 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 8
Typical Scattering Parameters
(Vd = +5.08V, Icc = 62 mA, T = 23°C, device in a 50 ohm system)
Frequency
S
11
S
21
S
12
S
22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
100
0.039
-174.5
5.99
174.90
0.114
-1.56
0.039
-10.97
200
0.041
-166.2
5.96
169.80
0.114
-3.31
0.041
-22.43
300
0.043
-160.1
5.95
164.90
0.114
-4.91
0.043
-33.03
400
0.045
-155.0
5.92
160.00
0.114
-6.50
0.046
-41.32
500
0.048
-149.6
5.90
155.10
0.114
-8.03
0.050
-48.80
600
0.052
-146.0
5.88
150.20
0.115
-9.64
0.055
-55.93
700
0.057
-143.6
5.86
145.30
0.115
-11.20
0.059
-62.24
800
0.062
-141.6
5.83
140.50
0.115
-12.75
0.063
-67.62
900
0.067
-139.6
5.81
135.70
0.116
-14.43
0.068
-72.66
1000
0.073
-138.8
5.78
130.90
0.116
-16.03
0.074
-77.48
1100
0.078
-138.3
5.75
126.10
0.117
-17.72
0.079
-81.9 0
1200
0.084
-138.0
5.72
121.30
0.117
-19.43
0.084
-85.36
1300
0.091
-138.1
5.69
116.50
0.118
-21.01
0.089
-89.25
1400
0.096
-138.7
5.66
111.80
0.119
-22.77
0.095
-92.61
1500
0.103
-139.2
5.62
107.00
0.120
-24.47
0.100
-95.85
1600
0.110
-140.0
5.59
102.30
0.120
-26.12
0.105
-98.76
1700
0.116
-141.1
5.55
97.63
0.121
-27.85
0.111
-101.70
1800
0.123
-142.4
5.51
92.96
0.122
-29.71
0.116
-104.70
1900
0.129
-143.7
5.48
88.36
0.123
-31.41
0.122
-107.40
2000
0.136
-145.2
5.44
83.74
0.124
-33.23
0.127
-110.20
2100
0.143
-147.0
5.41
79.10
0.125
-35.03
0.133
-112.70
2200
0.149
-148.7
5.37
74.51
0.126
-36.84
0.139
-115.50
2300
0.156
-150.7
5.33
69.96
0.128
-38.68
0.144
-118.10
2400
0.162
-152.8
5.30
65.42
0.129
-40.59
0.149
-120.90
2500
0.168
-154.9
5.26
60.88
0.130
-42.48
0.155
-123.70
2600
0.174
-157.2
5.22
56.41
0.131
-44.31
0.160
-126.20
2700
0.180
-159.5
5.19
51.95
0.133
-46.20
0.165
-129.00
2800
0.186
-162.1
5.16
47.52
0.134
-48.18
0.171
-131.90
2900
0.192
-165.0
5.13
43.08
0.136
-50.11
0.176
-135.20
3000
0.198
-167.7
5.10
38.61
0.137
-52.05
0.181
-138.20
3100
0.203
-170.6
5.08
34.22
0.139
-54.06
0.187
-141.40
3200
0.209
-173.6
5.05
29.77
0.141
-56.16
0.192
-144.70
3300
0.215
-176.9
5.03
25.36
0.142
-58.20
0.197
-148.20
3400
0.221
179.6
5.01
20.91
0.145
-60.38
0.202
-151.80
3500
0.226
176.1
4.98
16.48
0.146
-62.47
0.207
-155.20
3600
0.232
172.7
4.96
12.05
0.148
-64.69
0.212
-158.90
3700
0.237
169.0
4.94
7.66
0.151
-66.87
0.216
-162.70
3800
0.242
165.0
4.933.24
0.153
-69.07
0.220
-167.00
3900
0.246
160.6
4.91
-1.21
0.155
-71.40
0.224
-171.10
4000
0.251
156.4
4.90
-5.64
0.157
-73.64
0.227
-175.40
4100
0.255
152.0
4.89
-10.07
0.160
-76.03
0.231
180.00
4200
0.258
147.3
4.88
-14.55
0.162
-78.46
0.234
175.20
4300
0.262
142.2
4.88
-19.05
0.165
-80.86
0.237
170.10
4400
0.266
137.0
4.88
-23.58
0.168
-83.39
0.239
164.50
4500
0.270
131.5
4.87
-28.17
0.171
-86.02
0.241
158.90
4600
0.273
126.1
4.87
-32.75
0.174
-88.62
0.244
153.00
4700
0.277
120.5
4.87
-37.38
0.176
-91.28
0.248
147.00
4800
0.281
114.3
4.88
-42.06
0.180
-94.09
0.252
140.40
4900
0.287
107.8
4.88
-46.79
0.183
-96.98
0.256
133.50
5000
0.292
101.1
4.88
-51.64
0.186
-99.92
0.260
126.10
Continues Next Page.
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-6.0 GHz InGaP HBT Packaged
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7006-SC
April 2007 - Rev 19-Apr-07


Similar Part No. - CGB7006-SC_07

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7006-SC-0G00 MIMIX-CGB7006-SC-0G00 Datasheet
527Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7006-SC-0G00 MIMIX-CGB7006-SC-0G00 Datasheet
600Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7006-SC-0G0T MIMIX-CGB7006-SC-0G0T Datasheet
527Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7006-SC-0G0T MIMIX-CGB7006-SC-0G0T Datasheet
600Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7006-SC_0608 MIMIX-CGB7006-SC_0608 Datasheet
600Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results

Similar Description - CGB7006-SC_07

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7008-SC MIMIX-CGB7008-SC_07 Datasheet
521Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7010-SC MIMIX-CGB7010-SC_07 Datasheet
522Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged, Matched Gain Block Amplifier
CGB7001-SC MIMIX-CGB7001-SC_07 Datasheet
737Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7009-SC MIMIX-CGB7009-SC_07 Datasheet
465Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7003-SC MIMIX-CGB7003-SC_07 Datasheet
494Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7007-SC MIMIX-CGB7007-SC_07 Datasheet
475Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7012-SC MIMIX-CGB7012-SC_07 Datasheet
532Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7015-SC MIMIX-CGB7015-SC_07 Datasheet
207Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7011-SC MIMIX-CGB7011-SC_07 Datasheet
525Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7001-SP MIMIX-CGB7001-SP_07 Datasheet
239Kb / 7P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com