Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGB7007-SC Datasheet(PDF) 6 Page - Mimix Broadband

Part # CGB7007-SC
Description  DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7007-SC Datasheet(HTML) 6 Page - Mimix Broadband

  CGB7007-SC Datasheet HTML 1Page - Mimix Broadband CGB7007-SC Datasheet HTML 2Page - Mimix Broadband CGB7007-SC Datasheet HTML 3Page - Mimix Broadband CGB7007-SC Datasheet HTML 4Page - Mimix Broadband CGB7007-SC Datasheet HTML 5Page - Mimix Broadband CGB7007-SC Datasheet HTML 6Page - Mimix Broadband CGB7007-SC Datasheet HTML 7Page - Mimix Broadband CGB7007-SC Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6 of 8
Application Circuit
2
RF IN
Vs
RF OUT
C1
C2
Note: This schematic represents the topology of the application circuit recommended by Mimix.
L1
R Bias = (Vs - Vd) / Id
4
3
1
Vd
R1
C3
Recommended Bias Resistor Values for ID = 63 mA
Supply Voltage (V)
7V
8V
10V 12V
Rbias (R1 Description: 1206 1/4W 1%) 32
47
82
——
Rbias (R1 Description: 1210 1/2W 1%)
Note: Rbias provides DC bias stability over temperature.
110
Ref Designator
Value
Description
Size
C1, C2
1000 pF
MCH185A101JK
0805
C3
1.0 F
VITR 1.0 F 25V CER
0805
CAP 0805 X7R 10%
L1
56 nH
Coilcraft 0603 CS 10%
0603
0
1
2
1
/
6
0
2
1
d
I
/
)
d
V
-
s
V
(
=
s
a
i
B
R
1
R
A
/
N
)
e
c
a
l
P
t
o
N
o
D
(
P
N
D
4
C
MIMIX
DC-6.0 GHz InGaP HBT Packaged
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7007-SC
April 2007 - Rev 19-Apr-07


Similar Part No. - CGB7007-SC

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7007-SC MIMIX-CGB7007-SC Datasheet
537Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7007-SC MIMIX-CGB7007-SC Datasheet
607Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7007-SC-0G00 MIMIX-CGB7007-SC-0G00 Datasheet
537Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7007-SC-0G00 MIMIX-CGB7007-SC-0G00 Datasheet
607Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7007-SC-0G0T MIMIX-CGB7007-SC-0G0T Datasheet
537Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
More results

Similar Description - CGB7007-SC

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7008-SC MIMIX-CGB7008-SC_07 Datasheet
521Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7010-SC MIMIX-CGB7010-SC_07 Datasheet
522Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged, Matched Gain Block Amplifier
CGB7001-SC MIMIX-CGB7001-SC_07 Datasheet
737Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7009-SC MIMIX-CGB7009-SC_07 Datasheet
465Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7003-SC MIMIX-CGB7003-SC_07 Datasheet
494Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7006-SC MIMIX-CGB7006-SC_07 Datasheet
468Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7012-SC MIMIX-CGB7012-SC_07 Datasheet
532Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7015-SC MIMIX-CGB7015-SC_07 Datasheet
207Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7011-SC MIMIX-CGB7011-SC_07 Datasheet
525Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7001-SP MIMIX-CGB7001-SP_07 Datasheet
239Kb / 7P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com