Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-HG636D Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AL-HG636D
Description  Green SMD Chip LED Lamps (0.8mm Height)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-HG636D Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AL-HG636D Datasheet HTML 1Page - A-BRIGHT Inc AL-HG636D Datasheet HTML 2Page - A-BRIGHT Inc AL-HG636D Datasheet HTML 3Page - A-BRIGHT Inc AL-HG636D Datasheet HTML 4Page - A-BRIGHT Inc AL-HG636D Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2006/10/11
NOTES:
1. All dimensions are in millimeters (inches);
2. Tolerances are
±0.1mm (0.004inch) unless otherwise
noted.
Soldering iron
Basic spec is
5sec when 260℃. If temperature is higher,
time should be shorter (+10℃
-1sec ).Power dissipation
of iron should be smaller than 15W, and temperatures
should be controllable .Surface temperature of the device
should be under 230℃ .
ITEM
MATERIALS
Resin (mold)
Epoxy
Lens color
Water Clear
Printed circuit board
BT
Dice
InGaN
Emitted color
Green
For Reflow Soldering
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT CHIP LED LAMPS
0603 Package Green SMD Chip LED Lamps (0.8mm Height)
Part Number: AL-HG636D
Package outlines & Re-flow Profile
Reflow Temp/Time


Similar Part No. - AL-HG636D

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HG636D A-BRIGHT-AL-HG636D_09 Datasheet
207Kb / 5P
   0603 Package Pure Green SMD Chip LED Lamps (0.8mm Height)
More results

Similar Description - AL-HG636D

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HGE36D A-BRIGHT-AL-HGE36D Datasheet
340Kb / 5P
   Super Yellow Green SMD Chip LED Lamps (0.8mm Height)
2006/12/5
AL-HW436D A-BRIGHT-AL-HW436D Datasheet
340Kb / 5P
   White SMD Chip LED Lamps (0.8mm Height)
2006/10/18
AL-HKB36D A-BRIGHT-AL-HKB36D Datasheet
340Kb / 5P
   Super Yellow SMD Chip LED Lamps (0.8mm Height)
2006/10/11
AL-HUB36D A-BRIGHT-AL-HUB36D Datasheet
340Kb / 5P
   Super Red SMD Chip LED Lamps (0.8mm Height)
2007/3/14
AL-HJF36D A-BRIGHT-AL-HJF36D Datasheet
339Kb / 5P
   Super Amber SMD Chip LED Lamps (0.8mm Height)
2006/10/11
AL-HG436D A-BRIGHT-AL-HG436D Datasheet
339Kb / 5P
   0603 Package Bluish Green SMD Chip LED Lamps (0.8mm Height)
2006/10/11
AL-HG636D A-BRIGHT-AL-HG636D_09 Datasheet
207Kb / 5P
   0603 Package Pure Green SMD Chip LED Lamps (0.8mm Height)
AL-HB436D A-BRIGHT-AL-HB436D_09 Datasheet
207Kb / 5P
   0603 Package Blue SMD Chip LED Lamps (0.8mm Height)
AL-HUB36D A-BRIGHT-AL-HUB36D_09 Datasheet
207Kb / 5P
   0603 Package Red SMD Chip LED Lamps (0.8mm Height)
AL-HW436D A-BRIGHT-AL-HW436D_09 Datasheet
218Kb / 5P
   0603 Package White SMD Chip LED Lamps (0.8mm Height)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com