Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM2321-AK Datasheet(PDF) 4 Page - Mimix Broadband

Part # CMM2321-AK
Description  2.3 to 2.5 GHz 1 Watt Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM2321-AK Datasheet(HTML) 4 Page - Mimix Broadband

  CMM2321-AK Datasheet HTML 1Page - Mimix Broadband CMM2321-AK Datasheet HTML 2Page - Mimix Broadband CMM2321-AK Datasheet HTML 3Page - Mimix Broadband CMM2321-AK Datasheet HTML 4Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2.3 to 2.5 GHz
1 Watt Power Amplifier
Page 4 of 4
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM2321-AK
August 2007 - Rev 05-Aug-07
Pin # Name
Description
1
RF IN
RF input (internally DC blocked)
2
GND
Ground
3Vg1
Input stage gate bias
4Vg2
Output stage gate bias
5
RF OUT/Vd2
RF output and Vd2. External matching cir-
cuit required
6
RF OUT/Vd2
RF output and Vd2. External matching cir-
cuit required
7Vd1
Input stage drain bias
8
N/C
Ground this pin
RF IN
Vg2
GND
Vg1
Vd1
4
3
2
1
5
6
7
8
MATCH
Vd2
MATCH
RF OUT
N/C
Physical Dimensions
Ordering Information
The CMM2321 is available in a surface mount SO-8 power package and devices are available in tape and reel.
Part Number for Ordering
Package
CMM2321-AK
SO-8 surface mount power package
CMM2321-AK-000T
SO-8 surface mount power package in tape and reel
PB-CMM2321-AK
Evaluation Board with SMA connectors
Connection Diagram and Pin Descriptions


Similar Part No. - CMM2321-AK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM2321-AK ETC-CMM2321-AK Datasheet
90Kb / 4P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Mimix Broadband
CMM2321-AK MIMIX-CMM2321-AK Datasheet
279Kb / 5P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
List of Unclassifed Man...
CMM2321-AK-000T ETC-CMM2321-AK-000T Datasheet
90Kb / 4P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Mimix Broadband
CMM2321-AK-000T MIMIX-CMM2321-AK-000T Datasheet
279Kb / 5P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
More results

Similar Description - CMM2321-AK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM2321 ETC-CMM2321 Datasheet
90Kb / 4P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Mimix Broadband
CMM2321 MIMIX-CMM2321 Datasheet
279Kb / 5P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Hittite Microwave Corpo...
HMC755LP4 HITTITE-HMC755LP4_09 Datasheet
318Kb / 8P
   GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
HMC755LP4E HITTITE-HMC755LP4E_10 Datasheet
1Mb / 8P
   GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
logo
Mimix Broadband
CFH2162-P5 MIMIX-CFH2162-P5_09 Datasheet
1Mb / 4P
   2.3 to 2.5 GHz
logo
API Technologies Corp
QB-446 APITECH-QB-446 Datasheet
107Kb / 2P
   2.5 ??3.5 GHz, 1 Watt Amplifier
QB-445 APITECH-QB-445 Datasheet
107Kb / 2P
   2.5 ??3.5 GHz, 1 Watt Amplifier
logo
Microsemi Corporation
LX5514 MICROSEMI-LX5514 Datasheet
92Kb / 2P
   InGaP HBT 2.3 - 2.5 GHz Power Amplifier
LX5511 MICROSEMI-LX5511 Datasheet
130Kb / 2P
   InGaP HBT 2.3 - 2.5 GHz Power Amplifier
logo
Analog Devices
ADL5321ARKZ AD-ADL5321ARKZ Datasheet
570Kb / 16P
   2.3 GHz to 4.0 GHz 쩌 Watt RF Driver Amplifier
REV. C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com