Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM1434-SM-0000 Datasheet(PDF) 4 Page - Mimix Broadband

Part # CMM1434-SM-0000
Description  13.50-14.50 GHz 2.5-Watt Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1434-SM-0000 Datasheet(HTML) 4 Page - Mimix Broadband

  CMM1434-SM-0000 Datasheet HTML 1Page - Mimix Broadband CMM1434-SM-0000 Datasheet HTML 2Page - Mimix Broadband CMM1434-SM-0000 Datasheet HTML 3Page - Mimix Broadband CMM1434-SM-0000 Datasheet HTML 4Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
13.50-14.50 GHz
2.5-Watt Power Amplifier
CMM1434-SM
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Handling and Assembly Information
CAUTION!
- Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human
body and the environment. For safety, observe the following procedures:
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical
processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product. This product must be
discarded in accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy
- Mimix Broadband's products are not authorized for use as critical components in life support
devices or systems without the express written approval of the President and General Counsel of Mimix Broadband. As
used herein: (1) Life support devices or systems are devices or systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions
for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected
to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Package Attachment
- This packaged product from Mimix Broadband is provided as a rugged surface mount package
compatible with high volume solder installation. Care should be taken not to apply heavy pressure to the top or base
material to avoid package damage. Vacuum tools or other suitable pick and place equipment may be used to pick and
place this part. Care should be taken to ensure that there are no voids or gaps in the solder connection so that good RF,
DC and ground connections are maintained. Voids or gaps can eventually lead not only to RF performance degradation,
but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program -
Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix
RoHS compliant components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of
our RoHS compliant parts is 100% matte tin (Sn) over copper alloy and is backwards compatible with current standard
SnPb low-temperature reflow processes as well as higher temperature (260°C reflow) “Pb Free” processes.
Ordering Information
Part Number for Ordering
Description
CMM1434-SM-0000
Surface mount package
CMM1434-SM-000T
RoHS compliant surface mount package in tape and reel
PB-CMM1434-SM-0000
Evaluation board with SMA connectors
August 2007 - Rev 16-Aug-07


Similar Part No. - CMM1434-SM-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1434-SM-0G0T MIMIX-CMM1434-SM-0G0T Datasheet
155Kb / 4P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
More results

Similar Description - CMM1434-SM-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1434-SM MIMIX-CMM1434-SM Datasheet
138Kb / 3P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
CMM1434-SM MIMIX-CMM1434-SM_07 Datasheet
155Kb / 4P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
CMM1431-SM MIMIX-CMM1431-SM Datasheet
501Kb / 4P
   13.50 to 14.50 GHz 1.5 Watt Power Amplifier
logo
List of Unclassifed Man...
CMM1331-KU ETC1-CMM1331-KU Datasheet
375Kb / 2P
   12.70 to 13.50 GHz 1.5 Watt Power Amplifier
logo
Excelics Semiconductor,...
RFMA1314-2W EXCELICS-RFMA1314-2W Datasheet
97Kb / 2P
   13.75 - 14.50 GHz Power Amplifier MMIC
RFMA1314-1W EXCELICS-RFMA1314-1W Datasheet
117Kb / 3P
   13.75 - 14.50 GHz Power Amplifier MMIC
EID1414A1-5 EXCELICS-EID1414A1-5 Datasheet
122Kb / 4P
   14.00-14.50 GHz 5-Watt Internally-Matched Power FET
logo
TriQuint Semiconductor
TGA2505 TRIQUINT-TGA2505 Datasheet
172Kb / 11P
   13 - 17 GHz 2.5 Watt, 25dB Power Amplifier
logo
Mimix Broadband
CMM2321-AK MIMIX-CMM2321-AK Datasheet
465Kb / 4P
   2.3 to 2.5 GHz 1 Watt Power Amplifier
logo
Excelics Semiconductor,...
EID1414A1-8 EXCELICS-EID1414A1-8 Datasheet
170Kb / 4P
   14.00-14.50 GHz 8-Watt Internally-Matched Power FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com